Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F15213 Datasheet(PDF) 41 Page - Microchip Technology

Part # PIC16F15213
Description  PIC16F15225/45 Full-Featured 14/20-Pin Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213 Datasheet(HTML) 41 Page - Microchip Technology

Back Button PIC16F15213 Datasheet HTML 37Page - Microchip Technology PIC16F15213 Datasheet HTML 38Page - Microchip Technology PIC16F15213 Datasheet HTML 39Page - Microchip Technology PIC16F15213 Datasheet HTML 40Page - Microchip Technology PIC16F15213 Datasheet HTML 41Page - Microchip Technology PIC16F15213 Datasheet HTML 42Page - Microchip Technology PIC16F15213 Datasheet HTML 43Page - Microchip Technology PIC16F15213 Datasheet HTML 44Page - Microchip Technology PIC16F15213 Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 408 page
background image
Figure 9-6. Memory Map Banks 56 - 63
1C00h
1C0Bh
Core Registers
1C80h
1C8Bh
Core Registers
1D00h
1D0Bh
Core Registers
1D80h
1D8Bh
Core Registers
1E00h
1E0Bh
Core Registers
1E80h
1E8Bh
Core Registers
1F00h
1F0Bh
Core Registers
1F80h
1F8Bh
Core Registers
1FE4h
STATUS_SHAD
1FE5h
WREG_SHAD
1FE6h
BSR_SHAD
1FE7h
PCLATH_SHAD
1FE8h
FSR0L_SHAD
1FE9h
FSR0H_SHAD
1FEAh
FSR1L_SHAD
1FEBh
FSR1H_SHAD
1FECh
—
1FEDh
STKPTR
1FEEh
TOSL
1FEFh
TOSH
1C70h
1C7Fh
Common RAM
(Accesses
70h-7Fh)
1CF0h
1CFFh
Common RAM
(Accesses
70h-7Fh)
1D70h
1D7Fh
Common RAM
(Accesses
70h-7Fh)
1DF0h
1DFFh
Common RAM
(Accesses
70h-7Fh)
1E70h
1E7Fh
Common RAM
(Accesses
70h-7Fh)
1EF0h
1EFFh
Common RAM
(Accesses
70h-7Fh)
1F70h
1F7Fh
Common RAM
(Accesses
70h-7Fh)
1FF0h
1FFFh
Common RAM
(Accesses
70h-7Fh)
Legend:
Unimplemented data memory locations, read as '0'
1F0Ch
1F6Fh
Unimplemented
Read as '0'
Unimplemented
Read as '0'
Unimplemented
Read as '0'
Unimplemented
Read as '0'
Unimplemented
Read as '0'
1F8Ch
1FE3h
1C0Ch
1C6Fh
1C8Ch
1CEFh
1D0Ch
1D6Fh
1E0Ch
1E6Fh
1E8Ch
1EEFh
Unimplemented
Read as '0'
See Table 2 for
register mapping
details
See Table 3 for
register mapping
details
1D8Ch
BANK 62
BANK 63
BANK 56
BANK 57
BANK 58
BANK 59
BANK 60
BANK 61
PIC16F15225/45
Memory Organization
© 2020 Microchip Technology Inc.
Preliminary Datasheet
DS20006389B-page 41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com