Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F15213 Datasheet(PDF) 49 Page - Microchip Technology

Part # PIC16F15213
Description  PIC16F15225/45 Full-Featured 14/20-Pin Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213 Datasheet(HTML) 49 Page - Microchip Technology

Back Button PIC16F15213 Datasheet HTML 45Page - Microchip Technology PIC16F15213 Datasheet HTML 46Page - Microchip Technology PIC16F15213 Datasheet HTML 47Page - Microchip Technology PIC16F15213 Datasheet HTML 48Page - Microchip Technology PIC16F15213 Datasheet HTML 49Page - Microchip Technology PIC16F15213 Datasheet HTML 50Page - Microchip Technology PIC16F15213 Datasheet HTML 51Page - Microchip Technology PIC16F15213 Datasheet HTML 52Page - Microchip Technology PIC16F15213 Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 408 page
background image
9.6.1
Traditional/Banked Data Memory
The traditional or banked data memory is a region from FSR address 0x0000 to FSR address 0x1FFF. The
addresses correspond to the absolute addresses of all SFR, GPR and common registers.
Figure 9-15. Traditional/Banked Data Memory Map
Direct Addressing
50
BSR
60
From Opcode
0
0
7FSRxH
00
0
7FSRxL
Indirect Addressing
000000 000001 000010
111111
Bank Select
Location Select
0x00
0x7F
Bank Select
Location Select
Bank 0
Bank 1
Bank 2
Bank 63
Rev. 10-000056B
12/14/2016
Filename:
10-000056B.vsd
Title:
TRADITIONAL DATA MEMORY MAP
Last Edit:
12/14/2016
First Used:
PIC16F153xx
Note:
9.6.2
Linear Data Memory
The linear data memory is the region from FSR address 0x2000 to FSR address 0x2FEF. This region is a virtual
region that points back to the 80-byte blocks of GPR memory in all the banks. Refer to Figure 9-16 for the Linear
Data Memory Map.
Figure 9-16. Linear Data Memory Map
Filename:
10-000057B.vsd
Title:
LINEAR DATA MEMORY MAP
Last Edit:
8/24/2016
First Used:
PIC16F153xx
Note:
0x020
Bank 0
0x06F
0x0A0
Bank 1
0x0EF
0x120
Bank 2
0x16F
0x1920
Bank 50
0x196F
0
0
7
7
FSRnH
FSRnL
Location Select
0x2000
0x2FEF
Rev. 10-000057B
8/24/2016
PIC16F15225/45
Memory Organization
© 2020 Microchip Technology Inc.
Preliminary Datasheet
DS20006389B-page 49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com