Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F15213 Datasheet(PDF) 40 Page - Microchip Technology

Part # PIC16F15213
Description  PIC16F15225/45 Full-Featured 14/20-Pin Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213 Datasheet(HTML) 40 Page - Microchip Technology

Back Button PIC16F15213 Datasheet HTML 36Page - Microchip Technology PIC16F15213 Datasheet HTML 37Page - Microchip Technology PIC16F15213 Datasheet HTML 38Page - Microchip Technology PIC16F15213 Datasheet HTML 39Page - Microchip Technology PIC16F15213 Datasheet HTML 40Page - Microchip Technology PIC16F15213 Datasheet HTML 41Page - Microchip Technology PIC16F15213 Datasheet HTML 42Page - Microchip Technology PIC16F15213 Datasheet HTML 43Page - Microchip Technology PIC16F15213 Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 408 page
background image
Figure 9-5. Memory Maps Banks 16 - 23
800h
80Bh
Core Registers
880h
88Bh
Core Registers
900h
90Bh
Core Registers
980h
98Bh
Core Registers
A00h
A0Bh
Core Registers
A80h
A8Bh
Core Registers
B00h
B0Bh
Core Registers
B80h
B8Bh
Core Registers
80Ch
WDTCON
88Ch
—
90Ch
FVRCON
98Ch
—
A0Ch
—
A8Ch
—
B0Ch
—
80Dh
—
88Dh
—
90Dh
—
98Dh
—
A0Dh
—
A8Dh
—
B0Dh
—
80Eh
—
88Eh
OSCCON
90Eh
—
98Eh
—
A0Eh
—
A8Eh
—
B0Eh
—
80Fh
—
88Fh
—
90Fh
—
98Fh
—
A0Fh
—
A8Fh
—
B0Fh
—
810h
—
890h
OSCSTAT
910h
—
990h
—
A10h
—
A90h
—
B10h
—
811h
BORCON
891h
OSCEN
911h
—
991h
—
A11h
—
A91h
—
B11h
—
812h
—
892h
OSCTUNE
912h
—
992h
—
A12h
—
A92h
—
B12h
—
813h
PCON0
893h
OSCFRQ
913h
—
993h
—
A13h
—
A93h
—
B13h
—
814h
PCON1
894h
—
914h
—
994h
—
A14h
—
A94h
—
B14h
—
815h
—
895h
—
915h
—
995h
—
A15h
—
A95h
—
B15h
—
816h
—
896h
—
916h
—
996h
—
A16h
—
A96h
—
B16h
—
817h
—
897h
—
917h
—
997h
—
A17h
—
A97h
—
B17h
—
818h
—
898h
—
918h
—
998h
—
A18h
—
A98h
—
B18h
—
819h
—
899h
—
919h
—
999h
—
A19h
—
A99h
—
B19h
—
81Ah
NVMADRL
89Ah
—
91Ah
—
99Ah
—
A1Ah
—
A9Ah
—
B1Ah
—
81Bh
NVMADRH
89Bh
—
91Bh
—
99Bh
—
A1Bh
—
A9Bh
—
B1Bh
—
81Ch
NVMDATL
89Ch
—
91Ch
—
99Ch
—
A1Ch
—
A9Ch
—
B1Ch
—
81Dh
NVMDATH
89Dh
—
91Dh
—
99Dh
—
A1Dh
—
A9Dh
—
B1Dh
—
81Eh
NVMCON1
89Eh
—
91Eh
—
99Eh
—
A1Eh
—
A9Eh
—
B1Eh
—
81Fh
NVMCON2
89Fh
—
91Fh
—
99Fh
—
A1Fh
—
A9Fh
—
B1Fh
—
820h
86Fh
Unimplemented
Read as '0'
8A0h
8EFh
Unimplemented
Read as '0'
920h
96Fh
Unimplemented
Read as '0'
9A0h
9EFh
Unimplemented
Read as '0'
A20h
A6Fh
Unimplemented
Read as '0'
AA0h
AEFh
Unimplemented
Read as '0'
B20h
B6Fh
Unimplemented
Read as '0'
870h
87Fh
Common RAM
(Accesses
70h-7Fh)
8F0h
8FFh
Common RAM
(Accesses
70h-7Fh)
970h
97Fh
Common RAM
(Accesses
70h-7Fh)
9F0h
9FFh
Common RAM
(Accesses
70h-7Fh)
A70h
A7Fh
Common RAM
(Accesses
70h-7Fh)
AF0h
AFFh
Common RAM
(Accesses
70h-7Fh)
B70h
BFFh
Common RAM
(Accesses
70h-7Fh)
BF0h
BFFh
Common RAM
(Accesses
70h-7Fh)
BANK 22
BANK 23
Unimplemented
Read as '0'
B8Ch
BEFh
BANK 20
BANK 21
Legend:
Unimplemented data memory locations, read as '0'
BANK 16
BANK 17
BANK 18
BANK 19
PIC16F15225/45
Memory Organization
© 2020 Microchip Technology Inc.
Preliminary Datasheet
DS20006389B-page 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com