Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F15213 Datasheet(PDF) 96 Page - Microchip Technology

Part # PIC16F15213
Description  PIC16F15225/45 Full-Featured 14/20-Pin Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213 Datasheet(HTML) 96 Page - Microchip Technology

Back Button PIC16F15213 Datasheet HTML 92Page - Microchip Technology PIC16F15213 Datasheet HTML 93Page - Microchip Technology PIC16F15213 Datasheet HTML 94Page - Microchip Technology PIC16F15213 Datasheet HTML 95Page - Microchip Technology PIC16F15213 Datasheet HTML 96Page - Microchip Technology PIC16F15213 Datasheet HTML 97Page - Microchip Technology PIC16F15213 Datasheet HTML 98Page - Microchip Technology PIC16F15213 Datasheet HTML 99Page - Microchip Technology PIC16F15213 Datasheet HTML 100Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 408 page
background image
13.
Sleep Mode
13.1
Sleep Mode Operation
Sleep mode is entered by executing the SLEEP instruction.
Upon entering Sleep mode, the following conditions exist:
1.
Resets other than WDT are not affected by Sleep mode; WDT will be cleared but keeps running if enabled for
operation during Sleep.
2.
The PD bit is cleared.
3.
The TO bit is set.
4.
The CPU and the System clocks are disabled.
5.
LFINTOSC and/or HFINTOSC will remain enabled if any peripheral has requested them as a clock source or if
the HFOEN, MFOEN or LFOEN bits are set.
6.
ADC is unaffected if the ADCRC oscillator is selected. When the ADC clock is something other than ADCRC,
a SLEEP instruction causes the present conversion to be aborted and the ADC module is turned off, although
the ADON bit remains active.
7.
I/O ports maintain the status they had before SLEEP was executed (driving high, low, or high-impedance) only
if no peripheral connected to the I/O port is active.
Refer to individual chapters for more details on peripheral operation during Sleep.
To minimize current consumption, the following conditions should be considered:
• I/O pins should not be floating
• External circuitry sinking current from I/O pins
• Internal circuitry sourcing current from I/O pins
• Current draw from pins with internal weak pull-ups
• Modules using any oscillator
I/O pins that are high-impedance inputs should be pulled to VDD or VSS externally to avoid switching currents caused
by floating inputs.
13.1.1
Wake-up from Sleep
The device can wake-up from Sleep through one of the following events:
1.
External Reset input on MCLR pin, if enabled.
2.
BOR Reset, if enabled.
3.
POR Reset.
4.
Watchdog Timer, if enabled.
5.
Any external interrupt.
6.
Interrupts by peripherals capable of running during Sleep (see individual peripheral for more information).
The first three events will cause a device Reset. The last three events are considered a continuation of program
execution. To determine whether a device Reset or wake-up event occurred, refer to the “Determining the Cause of
a Reset” section in the “Resets” chapter.
When the SLEEP instruction is being executed, the next instruction (PC + 1) is prefetched. For the device to wake-up
through an interrupt event, the corresponding interrupt enable bit must be enabled. Wake-up will occur regardless of
the state of the GIE bit. If the GIE bit is disabled, the device continues execution at the instruction after the SLEEP
instruction. If the GIE bit is enabled, the device executes the instruction after the SLEEP instruction, the device will
then call the Interrupt Service Routine. In cases where the execution of the instruction following SLEEP is not
desirable, the user should have a NOP after the SLEEP instruction.
The WDT is cleared when the device wakes-up from Sleep, regardless of the source of wake-up.
PIC16F15225/45
Sleep Mode
© 2020 Microchip Technology Inc.
Preliminary Datasheet
DS20006389B-page 96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com