Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F15213 Datasheet(PDF) 103 Page - Microchip Technology

Part # PIC16F15213
Description  PIC16F15225/45 Full-Featured 14/20-Pin Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213 Datasheet(HTML) 103 Page - Microchip Technology

Back Button PIC16F15213 Datasheet HTML 99Page - Microchip Technology PIC16F15213 Datasheet HTML 100Page - Microchip Technology PIC16F15213 Datasheet HTML 101Page - Microchip Technology PIC16F15213 Datasheet HTML 102Page - Microchip Technology PIC16F15213 Datasheet HTML 103Page - Microchip Technology PIC16F15213 Datasheet HTML 104Page - Microchip Technology PIC16F15213 Datasheet HTML 105Page - Microchip Technology PIC16F15213 Datasheet HTML 106Page - Microchip Technology PIC16F15213 Datasheet HTML 107Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 408 page
background image
15.1.1.2 Self-Programming
The program memory cell and control logic will support write and row erase operations across the entire VDD range.
Bulk Erase is not available when self-programming.
15.2
FSR and INDF Access
The FSR and INDF registers allow indirect access to the Program Flash Memory.
15.2.1
FSR Read
With the intended address loaded into an FSR register a MOVIW instruction or read of INDF will read data from the
program memory.
Reading from NVM requires one instruction cycle. The CPU operation is suspended during the read, and resumes
immediately after. Read operations return a single byte of memory.
15.2.2
FSR Write
Writing/erasing the NVM through the FSR registers (ex. MOVWI instruction) is not supported in the PIC16F152
devices.
15.3
NVMREG Access
The NVMREG interface allows read/write access to all the locations accessible by FSRs, read/write access to the
User ID locations, and read-only access to the device identification, revision, and configuration data.
Writing or erasing of NVM via the NVMREG interface is prevented when the device is write-protected.
15.3.1
NVMREG Read Operation
To read a NVM location using the NVMREG interface, the user must:
1.
Clear the NVMREGS bit if the user intends to access program memory locations, or set NMVREGS if the user
intends to access User ID or configuration locations.
2.
Write the desired address into the NVMADRH:NVMADRL register pair.
3.
Set the RD bit to initiate the read.
Once the read control bit is set, the CPU operation is suspended during the read, and resumes immediately after.
The data is available in the very next cycle, in the NVMDATH:NVMDATL register pair; therefore, it can be read as two
bytes in the following instructions.
NVMDATH:NVMDATL register pair will hold this value until another read or until it is written to by the user.
Upon completion, the RD bit is cleared by hardware.
PIC16F15225/45
NVM - Nonvolatile Memory Control
© 2020 Microchip Technology Inc.
Preliminary Datasheet
DS20006389B-page 103



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com