Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM643 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM643
Description  Video/Imaging Fixed-Point Digital Signal Processor
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM643 Datasheet(HTML) 30 Page - Texas Instruments

Back Button TMS320DM643 Datasheet HTML 26Page - Texas Instruments TMS320DM643 Datasheet HTML 27Page - Texas Instruments TMS320DM643 Datasheet HTML 28Page - Texas Instruments TMS320DM643 Datasheet HTML 29Page - Texas Instruments TMS320DM643 Datasheet HTML 30Page - Texas Instruments TMS320DM643 Datasheet HTML 31Page - Texas Instruments TMS320DM643 Datasheet HTML 32Page - Texas Instruments TMS320DM643 Datasheet HTML 33Page - Texas Instruments TMS320DM643 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 162 page
background image
www.ti.com
TMS320DM643
Video/Imaging Fixed-Point Digital Signal Processor
SPRS269C – FEBRUARY 2005 – REVISED JANUARY 2007
Table 2-4. Terminal Functions (continued)
SIGNAL
IPD/
TYPE(1)
DESCRIPTION
IPU(2)
NAME
NO.
HD31/MRCLK(3)
G1
HD30/MCRS(3)
H3
HD29/MRXER(3)
G2
HD28/MRXDV(3)
J4
HD27/MRXD3(3)
H2
HD26/MRXD2(3)
J3
HD25/MRXD1(3)
J1
HD24/MRXD0(3)
K4
HD23
K1
Host-port data (I/O/Z) [default] or EMAC transmit/receive or control pins
HD22/MTCLK(3)
L4
As HPI data bus
HD21/MCOL(3)
K2
•
Used for transfer of data, address, and control
•
Host-Port bus width user-configurable at device reset via a 10-k
Ω resistor
HD20/MTXEN(3)
L3
pullup/pulldown resistor on the HD5 pin:
HD19/MTXD3(3)
L2
Note: If a configuration pin must be routed out from the device, the internal
HD18/MTXD2(3)
M4
pullup/pulldown (IPU/IPD) resistor should not be relied upon; TI recommends the
HD17/MTXD1(3)
M2
use of an external pullup/pulldown resistor.
Boot Configuration:
HD16/MTXD0(3)
M3
I/O/Z
•
HD5 pin = 0: HPI operates as an HPI16.
HD15
T3
(HPI bus is 16 bits wide. HD[15:0] pins are used and the remaining
HD14
U1
HD[31:16] pins are reserved pins in the high-impedance state.)
HD13
U3
•
HD5 pin = 1: HPI operates as an HPI32.
HD12
U2
(HPI bus is 32 bits wide. All HD[31:0] pins are used for host-port operations.)
HD11
U4
For superset devices like DM643, the HD31 through HD16 pins can also function
as EMAC transmit/receive or control pins (when MAC_EN pin = 1). For more
HD10
V1
details on the EMAC pin functions, see the Ethernet MAC (EMAC) peripheral
HD9
V3
section of this table and for more details on how to configure the EMAC pin
functions, see the device configuration section of this data sheet.
HD8
V2
HD7
W2
HD6
W4
HD5
Y1
HD4
W3
HD3
Y2
HD2
Y4
HD1
AA1
HD0
Y3
EMIFA (64-bit) – CONTROL SIGNALS COMMON TO ALL TYPES OF MEMORY
ACE3
L26
O/Z
IPU
EMIFA memory space enables
ACE2
K23
O/Z
IPU
•
Enabled by bits 28 through 31 of the word address
ACE1
K24
O/Z
IPU
•
Only one pin is asserted during any external data access
ACE0
K25
O/Z
IPU
ABE7
T22
O/Z
IPU
ABE6
T23
O/Z
IPU
EMIFA byte-enable control
ABE5
R25
O/Z
IPU
•
Decoded from the low-order address bits. The number of address bits or
ABE4
R26
O/Z
IPU
byte enables used depends on the width of external memory.
ABE3
M25
O/Z
IPU
•
Byte-write enables for most types of memory
ABE2
M26
O/Z
IPU
•
Can be directly connected to SDRAM read and write mask signal (SDQM)
ABE1
L23
O/Z
IPU
ABE0
L24
O/Z
IPU
Device Overview
30
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com