Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM643 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM643
Description  Video/Imaging Fixed-Point Digital Signal Processor
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM643 Datasheet(HTML) 5 Page - Texas Instruments

  TMS320DM643 Datasheet HTML 1Page - Texas Instruments TMS320DM643 Datasheet HTML 2Page - Texas Instruments TMS320DM643 Datasheet HTML 3Page - Texas Instruments TMS320DM643 Datasheet HTML 4Page - Texas Instruments TMS320DM643 Datasheet HTML 5Page - Texas Instruments TMS320DM643 Datasheet HTML 6Page - Texas Instruments TMS320DM643 Datasheet HTML 7Page - Texas Instruments TMS320DM643 Datasheet HTML 8Page - Texas Instruments TMS320DM643 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 162 page
background image
www.ti.com
Contents
TMS320DM643
Video/Imaging Fixed-Point Digital Signal Processor
SPRS269C – FEBRUARY 2005 – REVISED JANUARY 2007
1
TMS320DM643 Video/Imaging Fixed-Point Digital
5
DM643 Peripheral Information and Electrical
Signal Processor
......................................... 1
Specifications
........................................... 64
1.1
Features
.............................................. 1
5.1
Parameter Information
.............................. 64
5.2
Recommended Clock and Control Signal Transition
1.2
Description
............................................ 2
Behavior
............................................. 66
1.2.1
Device Compatibility
................................. 3
5.3
Power Supplies
...................................... 66
1.3
Functional Block Diagram
............................ 4
5.4
Enhanced Direct Memory Access (EDMA)
2
Device Overview
......................................... 6
Controller
............................................ 71
2.1
Device Characteristics
................................ 6
5.5
Interrupts
............................................ 75
2.2
CPU (DSP Core) Description
......................... 6
5.6
Reset
................................................ 77
2.3
Memory Map Summary
............................. 13
5.7
Clock PLL
........................................... 80
2.4
Bootmode
........................................... 16
5.8
External Memory Interface (EMIIF)
................. 86
2.5
Pin Assignments
.................................... 16
5.9
Multichannel Audio Serial Port (McASP0)
2.6
Development
........................................ 46
Peripheral
.......................................... 102
3
Device Configurations
................................. 49
5.10
Inter-Integrated Circuit (I2C)
....................... 110
3.1
Configurations at Reset
............................. 49
5.11
Host-Port Interface (HPI)
........................... 115
3.2
Configurations After Reset
.......................... 50
5.12
Multichannel Buffered Serial Port (McBSP)
........ 121
3.3
Peripheral Configuration Lock
....................... 53
5.13
Video Port
.......................................... 129
3.4
Device Status Register Description
................. 55
5.14
VCXO Interpolated Control (VIC)
.................. 137
3.5
Multiplexed Pin Configurations
...................... 56
5.15
Ethernet Media Access Controller (EMAC)
........ 139
3.6
Debugging Considerations
.......................... 58
5.16
Management Data Input/Output (MDIO)
........... 145
3.7
Configuration Examples
............................. 59
5.17
Timer
............................................... 147
4
Device Operating Conditions
........................ 62
5.18
General-Purpose Input/Output (GPIO)
............. 149
4.1
Absolute Maximum Ratings Over Operating Case
5.19
JTAG
............................................... 152
Temperature Range
6
Revision History
...................................... 154
(Unless Otherwise Noted)
.......................... 62
7
Mechanical Data
....................................... 155
4.2
Recommended Operating Conditions
............... 62
7.1
Thermal Data
...................................... 155
4.3
Electrical Characteristics Over Recommended
Ranges of Supply Voltage and Operating Case
7.2
Packaging Information
............................. 156
Temperature (Unless Otherwise Noted)
............ 63
Submit Documentation Feedback
Contents
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com