Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM643 Datasheet(PDF) 75 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM643
Description  Video/Imaging Fixed-Point Digital Signal Processor
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM643 Datasheet(HTML) 75 Page - Texas Instruments

Back Button TMS320DM643 Datasheet HTML 71Page - Texas Instruments TMS320DM643 Datasheet HTML 72Page - Texas Instruments TMS320DM643 Datasheet HTML 73Page - Texas Instruments TMS320DM643 Datasheet HTML 74Page - Texas Instruments TMS320DM643 Datasheet HTML 75Page - Texas Instruments TMS320DM643 Datasheet HTML 76Page - Texas Instruments TMS320DM643 Datasheet HTML 77Page - Texas Instruments TMS320DM643 Datasheet HTML 78Page - Texas Instruments TMS320DM643 Datasheet HTML 79Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 162 page
background image
www.ti.com
5.5 Interrupts
5.5.1
Interrupt Sources and Interrupt Selector
TMS320DM643
Video/Imaging Fixed-Point Digital Signal Processor
SPRS269C – FEBRUARY 2005 – REVISED JANUARY 2007
The C64x DSP core supports 16 prioritized interrupts, which are listed in Table 5-7. The highest-priority
interrupt is INT_00 (dedicated to RESET) while the lowest-priority interrupt is INT_15. The first four
interrupts (INT_00–INT_03) are non-maskable and fixed. The remaining interrupts (INT_04–INT_15) are
maskable and default to the interrupt source specified in Table 5-7. The interrupt source for interrupts
4–15 can be programmed by modifying the selector value (binary value) in the corresponding fields of the
Interrupt Selector Control registers: MUXH (address 0x019C0000) and MUXL (address 0x019C0004).
Table 5-7. DM643 DSP Interrupts
INTERRUPT
CPU
SELECTOR
SELECTOR
INTERRUPT
INTERRUPT
VALUE
INTERRUPT SOURCE
CONTROL
EVENT
NUMBER
(BINARY)
REGISTER
INT_00(1)
–
–
RESET
INT_01(1)
–
–
NMI
INT_02(1)
–
–
Reserved
Reserved. Do not use.
INT_03(1)
–
–
Reserved
Reserved. Do not use.
INT_04(2)
MUXL[4:0]
00100
GPINT4/EXT_INT4
GP0 interrupt 4/External interrupt pin 4
INT_05(2)
MUXL[9:5]
00101
GPINT5/EXT_INT5
GP0 interrupt 5/External interrupt pin 5
INT_06(2)
MUXL[14:10]
00110
GPINT6/EXT_INT6
GP0 interrupt 6/External interrupt pin 6
INT_07(2)
MUXL[20:16]
00111
GPINT7/EXT_INT7
GP0 interrupt 7/External interrupt pin 7
INT_08(2)
MUXL[25:21]
01000
EDMA_INT
EDMA channel (0 through 63) interrupt
INT_09(2)
MUXL[30:26]
01001
EMU_DTDMA
EMU DTDMA
INT_10(2)
MUXH[4:0]
00011
SD_INTA
EMIFA SDRAM timer interrupt
INT_11(2)
MUXH[9:5]
01010
EMU_RTDXRX
EMU real-time data exchange (RTDX) receive
INT_12(2)
MUXH[14:10]
01011
EMU_RTDXTX
EMU RTDX transmit
INT_13(2)
MUXH[20:16]
00000
DSP_INT
HPI-to-DSP interrupt
INT_14(2)
MUXH[25:21]
00001
TINT0
Timer 0 interrupt
INT_15(2)
MUXH[30:26]
00010
TINT1
Timer 1 interrupt
–
–
01100
XINT0
McBSP0 transmit interrupt
–
–
01101
RINT0
McBSP0 receive interrupt
–
–
01110
Reserved
Reserved. Do not use.
–
–
01111
Reserved
Reserved. Do not use.
–
–
10000
GPINT0
GP0 interrupt 0
–
–
10001
Reserved
Reserved. Do not use.
–
–
10010
Reserved
Reserved. Do not use.
–
–
10011
TINT2
Timer 2 interrupt
–
–
10100
Reserved
Reserved. Do not use.
–
–
10101
Reserved
Reserved. Do not use.
–
–
10110
ICINT0
I2C0 interrupt
–
–
10111
Reserved
Reserved. Do not use.
–
–
11000
EMAC_MDIO_INT
EMAC/MDIO interrupt
–
–
11001
Reserved
Reserved. Do not use.
–
–
11010
VPINT1
VP1 interrupt
–
–
11011
VPINT2
VP2 interrupt
(1)
Interrupts INT_00 through INT_03 are non-maskable and fixed.Interrupts
(2)
INT_04 through INT_15 are programmable by modifying the binary selector values in the Interrupt Selector Control registers fields.
Table 5-7 shows the default interrupt sources for Interrupts INT_04 through INT_15. For more detailed information on interrupt sources
and selection, see the TMS320C6000 DSP Interrupt Selector Reference Guide (literature number SPRU646).
Submit Documentation Feedback
DM643 Peripheral Information and Electrical Specifications
75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com