Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM643 Datasheet(PDF) 76 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM643
Description  Video/Imaging Fixed-Point Digital Signal Processor
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM643 Datasheet(HTML) 76 Page - Texas Instruments

Back Button TMS320DM643 Datasheet HTML 72Page - Texas Instruments TMS320DM643 Datasheet HTML 73Page - Texas Instruments TMS320DM643 Datasheet HTML 74Page - Texas Instruments TMS320DM643 Datasheet HTML 75Page - Texas Instruments TMS320DM643 Datasheet HTML 76Page - Texas Instruments TMS320DM643 Datasheet HTML 77Page - Texas Instruments TMS320DM643 Datasheet HTML 78Page - Texas Instruments TMS320DM643 Datasheet HTML 79Page - Texas Instruments TMS320DM643 Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 162 page
background image
www.ti.com
5.5.2
Interrupts Peripheral Register Description(s)
5.5.3
External Interrupts Electrical Data/Timing
2
1
EXT_INTx, NMI
TMS320DM643
Video/Imaging Fixed-Point Digital Signal Processor
SPRS269C – FEBRUARY 2005 – REVISED JANUARY 2007
Table 5-7. DM643 DSP Interrupts (continued)
INTERRUPT
CPU
SELECTOR
SELECTOR
INTERRUPT
INTERRUPT
VALUE
INTERRUPT SOURCE
CONTROL
EVENT
NUMBER
(BINARY)
REGISTER
–
–
11100
AXINT0
McASP0 transmit interrupt
–
–
11101
ARINT0
McASP0 receive interrupt
–
–
11110 – 11111
Reserved
Reserved. Do not use.
Table 5-8. Interrupt Selector Registers (C64x)
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
COMMENTS
Selects which interrupts drive CPU
019C 0000
MUXH
Interrupt multiplexer high
interrupts 10–15 (INT10–INT15)
Selects which interrupts drive CPU
019C 0004
MUXL
Interrupt multiplexer low
interrupts 4–9 (INT04–INT09)
Sets the polarity of the external
019C 0008
EXTPOL
External interrupt polarity
interrupts (EXT_INT4–EXT_INT7)
019C 000C – 019F FFFF
–
Reserved
Table 5-9. Timing Requirements for External Interrupts
(1) (see Figure 5-10)
–500
–600
NO.
UNIT
MIN
MAX
Width of the NMI interrupt pulse low
4P
ns
1
tw(ILOW)
Width of the EXT_INT interrupt pulse low
8P
ns
Width of the NMI interrupt pulse high
4P
ns
2
tw(IHIGH)
Width of the EXT_INT interrupt pulse high
8P
ns
(1)
P = 1/CPU clock frequency in ns. For example, when running parts at 600 MHz, use P = 1.67 ns.
Figure 5-10. External/NMI Interrupt Timing
76
DM643 Peripheral Information and Electrical Specifications
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com