Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM643 Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM643
Description  Video/Imaging Fixed-Point Digital Signal Processor
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM643 Datasheet(HTML) 36 Page - Texas Instruments

Back Button TMS320DM643 Datasheet HTML 32Page - Texas Instruments TMS320DM643 Datasheet HTML 33Page - Texas Instruments TMS320DM643 Datasheet HTML 34Page - Texas Instruments TMS320DM643 Datasheet HTML 35Page - Texas Instruments TMS320DM643 Datasheet HTML 36Page - Texas Instruments TMS320DM643 Datasheet HTML 37Page - Texas Instruments TMS320DM643 Datasheet HTML 38Page - Texas Instruments TMS320DM643 Datasheet HTML 39Page - Texas Instruments TMS320DM643 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 162 page
background image
www.ti.com
TMS320DM643
Video/Imaging Fixed-Point Digital Signal Processor
SPRS269C – FEBRUARY 2005 – REVISED JANUARY 2007
Table 2-4. Terminal Functions (continued)
SIGNAL
IPD/
TYPE(1)
DESCRIPTION
IPU(2)
NAME
NO.
VIDEO PORT 1 (VP1) OR McASP0 DATA
VP1D[19]/AXR0[7](3)
AB12
VP1D[18]/AXR0[6](3)
AB11
VP1D[17]/AXR0[5](3)
AC11
VP1D[16]/AXR0[4](3)
AD11
VP1D[15]/AXR0[3](3)
AE11
VP1D[14]/AXR0[2](3)
AC10
VP1D[13]/AXR0[1](3)
AD10
VP1D[12]/AXR0[0](3)
AC9
Video port 1 (VP1) data input/output (I/O/Z) or McASP0 data pins (I/O/Z)
VP1D[11]
AD9
By default, standalone VP1 data input/output pins have no function enabled
VP1D[10]
AE9
upon reset. To configure these pins, see the Device Configuration section of this
I/O/Z
IPD
data sheet.
VP1D[9]
AC8
For more details on the McASP0 data pin functions, see McASP0 data section of
VP1D[8]
AD8
this table and the Device Configurations section of this data sheet.
VP1D[7]
AC7
VP1D[6]
AD7
VP1D[5]
AE7
VP1D[4]
AC6
VP1D[3]
AD6
VP1D[2]
AE6
VP1D[1]
AF6
VP1D[0]
AF5
VP1CLK1
AF10
I/O/Z
IPD
VP1 clock 1 (I/O/Z)
VP1CLK0
AF8
I
IPD
VP1 clock 0 (I)
VP1CTL2
AD5
VP1 control 2 (I/O/Z)
VP1CTL1
AE5
I/O/Z
IPD
VP1 control 1 (I/O/Z)
VP1CTL0
AF4
VP1 control 0 (I/O/Z)
TIMER 2
–
No external pins. The timer 2 peripheral pins are not pinned out as external pins.
TIMER 1
Timer 1 output (O/Z)
Boot Configuration: Device endian mode [LENDIAN] (I)
Controls initialization of DSP modes at reset via pullup/pulldown resistors
•
Device Endian mode
0 - Big Endian
1 - Little Endian (default)
TOUT1
B5
O/Z
IPU
For more details on LENDIAN, see the Device Configurations section of this data
sheet.
Note: If a configuration pin must be routed out from the device, the internal
pullup/pulldown (IPU/IPD) resistor should not be relied upon; TI recommends the
use of an external pullup/pulldown resistor.
TINP1
A5
I
IPD
Timer 1 or general-purpose input
TIMER 0
Timer 0 output (O/Z)
Boot Configuration: MAC enable pin [MAC_EN] (I)
The MAC_EN pin controls the selection (enable/disable) of the HPI, EMAC and
MDIO peripherals.
TOUT0
C5
O/Z
IPD
For more details, see the Device Configurations section of this data sheet.
Note: If a configuration pin must be routed out from the device, the internal
pullup/pulldown (IPU/IPD) resistor should not be relied upon; TI recommends the
use of an external pullup/pulldown resistor.
Device Overview
36
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com