Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM643 Datasheet(PDF) 68 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM643
Description  Video/Imaging Fixed-Point Digital Signal Processor
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM643 Datasheet(HTML) 68 Page - Texas Instruments

Back Button TMS320DM643 Datasheet HTML 64Page - Texas Instruments TMS320DM643 Datasheet HTML 65Page - Texas Instruments TMS320DM643 Datasheet HTML 66Page - Texas Instruments TMS320DM643 Datasheet HTML 67Page - Texas Instruments TMS320DM643 Datasheet HTML 68Page - Texas Instruments TMS320DM643 Datasheet HTML 69Page - Texas Instruments TMS320DM643 Datasheet HTML 70Page - Texas Instruments TMS320DM643 Datasheet HTML 71Page - Texas Instruments TMS320DM643 Datasheet HTML 72Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 162 page
background image
www.ti.com
5.3.4
Peripheral Power-Down Operation
5.3.5
Power-Down Modes Logic
PWRD
Internal Clock Tree
CPU
IFR
IER
CSR
PD1
PD2
Power-
Down
Logic
Clock
PLL
CLKIN
RESET
CLKOUT6
PD3
Internal
Peripherals
CLKOUT4
Clock
and Dividers
Distribution
TMS320DM643
A. External input clocks, with the exception of CLKIN, are not gated by the power-down mode logic.
TMS320DM643
Video/Imaging Fixed-Point Digital Signal Processor
SPRS269C – FEBRUARY 2005 – REVISED JANUARY 2007
The DM643 device can be powered down in three ways:
• Power-down due to pin configuration
• Power-down due to software configuration – relates to the default state of the peripheral configuration
bits in the PERCFG register.
• Power-down during run-time via software configuration
On the DM643 device, the HPI and EMAC and MDIO peripherals are controlled (selected) at the pin level
during chip reset (e.g., HD5 and MAC_EN pins).
The McASP0, McBSP0, VP1, VP2, and I2C0 peripheral functions are selected via the peripheral
configuration (PERCFG) register bits.
For more detailed information on the peripheral configuration pins and the PERCFG register bits, see the
Device Configurations section of this document.
Figure 5-8 shows the power-down mode logic on the DM643.
Figure 5-8. Power-Down Mode Logic(A)
68
DM643 Peripheral Information and Electrical Specifications
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com