Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM643 Datasheet(PDF) 56 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM643
Description  Video/Imaging Fixed-Point Digital Signal Processor
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM643 Datasheet(HTML) 56 Page - Texas Instruments

Back Button TMS320DM643 Datasheet HTML 52Page - Texas Instruments TMS320DM643 Datasheet HTML 53Page - Texas Instruments TMS320DM643 Datasheet HTML 54Page - Texas Instruments TMS320DM643 Datasheet HTML 55Page - Texas Instruments TMS320DM643 Datasheet HTML 56Page - Texas Instruments TMS320DM643 Datasheet HTML 57Page - Texas Instruments TMS320DM643 Datasheet HTML 58Page - Texas Instruments TMS320DM643 Datasheet HTML 59Page - Texas Instruments TMS320DM643 Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 162 page
background image
www.ti.com
3.5 Multiplexed Pin Configurations
TMS320DM643
Video/Imaging Fixed-Point Digital Signal Processor
SPRS269C – FEBRUARY 2005 – REVISED JANUARY 2007
Table 3-7. Device Status (DEVSTAT) Register Selection Bit Descriptions
BIT
NAME
DESCRIPTION
31:12
Reserved
Reserved. Read-only, writes have no effect.
EMAC enable bit.
Shows the status of whether EMAC peripheral is enabled or disabled (default).
11
MAC_EN
0 = EMAC is disabled, and the module is powered down (default).
1 = EMAC is enabled.
HPI bus width control bit.
Shows the status of whether the HPI bus operates in 32-bit mode or in 16-bit mode (default).
10
HPI_WIDTH
0 = HPI operates in 16-bit mode. (default).
1 = HPI operates in 32-bit mode.
9:7
Reserved
Reserved. Read-only, writes have no effect.
6
CLKMODE1
Clock mode select bits
Shows the status of whether the CPU clock frequency equals the input clock frequency X1 (Bypass), x6,
or x12.
Clock mode select for CPU clock frequency (CLKMODE[1:0])
00 - Bypass (x1) (default mode)
01 - x6
5
CLKMODE0
10 - x12
11 - Reserved
For more details on the CLKMODE pins and the PLL multiply factors, see the Clock PLL section of this
data sheet.
Device Endian mode (LEND)
Shows the status of whether the system is operating in Big Endian mode or Little Endian mode (default).
4
LENDIAN
0 - System is operating in Big Endian mode
1 - System is operating in Little Endian mode (default)
3
BOOTMODE1
Bootmode configuration bits
Shows the status of what device bootmode configuration is operational.
Bootmode [1:0]
00 - No boot (default mode)
2
BOOTMODE0
01 - HPI boot
10 - Reserved
11 - EMIFA 8-bit ROM boot
1
AECLKINSEL1
EMIFA input clock select
Shows the status of what clock mode is enabled or disabled for the EMIF.
Clock mode select for EMIFA (AECLKIN_SEL[1:0])
00 - AECLKIN (default mode)
0
AECLKINSEL0
01 - CPU/4 Clock Rate
10 - CPU/6 Clock Rate
11 - Reserved
Multiplexed pins are pins that are shared by more than one peripheral and are internally multiplexed.
Some of these pins are configured by software, and the others are configured by external pullup/pulldown
resistors only at reset. Those muxed pins that are configured by software should not be programmed to
switch functionalities during run-time. Those muxed pins that are configured by external pullup/pulldown
resistors are mutually exclusive; only one peripheral has primary control of the function of these pins after
reset. Table 3-8 identifies the multiplexed pins on the DM643 device; shows the default (primary) function
and the default settings after reset; and describes the pins, registers, etc. necessary to configure specific
multiplexed functions.
Device Configurations
56
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com