Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM643 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM643
Description  Video/Imaging Fixed-Point Digital Signal Processor
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM643 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TMS320DM643 Datasheet HTML 28Page - Texas Instruments TMS320DM643 Datasheet HTML 29Page - Texas Instruments TMS320DM643 Datasheet HTML 30Page - Texas Instruments TMS320DM643 Datasheet HTML 31Page - Texas Instruments TMS320DM643 Datasheet HTML 32Page - Texas Instruments TMS320DM643 Datasheet HTML 33Page - Texas Instruments TMS320DM643 Datasheet HTML 34Page - Texas Instruments TMS320DM643 Datasheet HTML 35Page - Texas Instruments TMS320DM643 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 162 page
background image
www.ti.com
TMS320DM643
Video/Imaging Fixed-Point Digital Signal Processor
SPRS269C – FEBRUARY 2005 – REVISED JANUARY 2007
Table 2-4. Terminal Functions (continued)
SIGNAL
IPD/
TYPE(1)
DESCRIPTION
IPU(2)
NAME
NO.
EMIFA (64-bit) – ADDRESS
AEA22
U23
AEA21
V24
EMIFA external address (doubleword address)
EMIFA address numbering for the DM643 device starts with AEA3 to maintain
AEA20
V25
signal name compatibility with other C64x™ devices (e.g., C6414, C6415, and
AEA19
V26
C6416) [see the 64-bit EMIF addressing scheme in the TMS320C6000 DSP
External Memory Interface (EMIF) Reference Guide (literature number
AEA18
V23
SPRU266)].
AEA17
U24
Note: If a configuration pin must be routed out from the device, the internal
AEA16
U25
pullup/pulldown (IPU/IPD) resistor should not be relied upon; TI recommends the
AEA15
U26
use of an external pullup/pulldown resistor.
AEA14
T24
Boot Configuration:
AEA13
T25
•
Controls initialization of DSP modes at reset (I) via pullup/pulldown resistors
O/Z
IPD
–
Boot mode (AEA[22:21]):
AEA12
R23
00 - No boot (default mode)
AEA11
R24
01 - HPI boot
10 - Reserved
AEA10
P23
11 - EMIFA 8-bit ROM boot
AEA9
P24
–
EMIF clock select AEA[20:19]:
AEA8
P26
Clock mode select for EMIFA (AECLKIN_SEL[1:0])
00 - AECLKIN (default mode)
AEA7
N23
01 - CPU/4 Clock Rate
AEA6
N24
10 - CPU/6 Clock Rate
11 - Reserved
AEA5
N26
For more details, see the Device Configurations section of this data sheet.
AEA4
M23
AEA3
M24
Device Overview
32
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com