Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM643 Datasheet(PDF) 82 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM643
Description  Video/Imaging Fixed-Point Digital Signal Processor
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM643 Datasheet(HTML) 82 Page - Texas Instruments

Back Button TMS320DM643 Datasheet HTML 78Page - Texas Instruments TMS320DM643 Datasheet HTML 79Page - Texas Instruments TMS320DM643 Datasheet HTML 80Page - Texas Instruments TMS320DM643 Datasheet HTML 81Page - Texas Instruments TMS320DM643 Datasheet HTML 82Page - Texas Instruments TMS320DM643 Datasheet HTML 83Page - Texas Instruments TMS320DM643 Datasheet HTML 84Page - Texas Instruments TMS320DM643 Datasheet HTML 85Page - Texas Instruments TMS320DM643 Datasheet HTML 86Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 162 page
background image
www.ti.com
5.7.2
Clock PLL Electrical Data/Timing (Input and Output Clocks)
TMS320DM643
Video/Imaging Fixed-Point Digital Signal Processor
SPRS269C – FEBRUARY 2005 – REVISED JANUARY 2007
Table 5-12. TMS320DM643 PLL Multiply Factor Options, Clock Frequency Ranges,
and Typical Lock Time
(1) (2)
GDK and ZDK PACKAGES – 23 x 23 mm BGA,
GNZ and ZNZ PACKAGES – 27 x 27 mm BGA
CLKMODE
CLKIN
CPU CLOCK
TYPICAL
CLKOUT4
CLKOUT6
CLKMODE1
CLKMODE0
(PLL MULTIPLY
RANGE
FREQUENCY
LOCK TIME
RANGE (MHz)
RANGE (MHz)
FACTORS)
(MHz)
RANGE (MHz)
(µs)(3)
0
0
Bypass (x1)
30–75
30–75
7.5–18.8
5–12.5
N/A
0
1
x6
30–75
180–450
45–112.5
30–75
75
1
0
x12
30–50
360–600
90–150
60–100
1
1
Reserved
–
–
–
–
–
(1)
These clock frequency range values are applicable to a DM643-600 speed device. For -500 device speed values, see the CLKIN timing
requirements table for the specific device speed.
(2)
Use external pullup resistors on the CLKMODE pins (CLKMODE1 and CLKMODE0) to set the DM643 device to one of the valid PLL
multiply clock modes (x6 or x12). With internal pulldown resistors on the CLKMODE pins (CLKMODE1, CLKMODE0), the default clock
mode is x1 (bypass).
(3)
Under some operating conditions, the maximum PLL lock time may vary by as much as 150% from the specified typical value. For
example, if the typical lock time is specified as 100 µs, the maximum value may be as long as 250 µs.
Table 5-13. Timing Requirements for CLKIN for –500 Devices
(1) (2) (3) (see Figure 5-13)
–500
NO.
PLL MODE x12
PLL MODE x6
x1 (Bypass)
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
1
tc(CLKIN)
Cycle time, CLKIN
24
33.3
13.3
33.3
13.3
33.3
ns
2
tw(CLKINH)
Pulse duration, CLKIN high
0.45C
0.45C
0.45C
ns
3
tw(CLKINL)
Pulse duration, CLKIN low
0.45C
0.45C
0.45C
ns
4
tt(CLKIN)
Transition time, CLKIN
5
5
1
ns
5
tJ(CLKIN)
Period jitter, CLKIN
0.02C
0.02C
0.02C
ns
(1)
The reference points for the rise and fall transitions are measured at VIL MAX and VIH MIN.
(2)
For more details on the PLL multiplier factors (x6, x12), see the Clock PLL section of this data sheet.
(3)
C = CLKIN cycle time in ns. For example, when CLKIN frequency is 50 MHz, use C = 20 ns.
Table 5-14. Timing Requirements for CLKIN for –600 Devices
(1) (2) (3) (see Figure 5-13)
–600
NO.
PLL MODE x12
PLL MODE x6
x1 (Bypass)
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
1
tc(CLKIN)
Cycle time, CLKIN
20
33.3
13.3
33.3
13.3
33.3
ns
2
tw(CLKINH)
Pulse duration, CLKIN high
0.45C
0.45C
0.45C
ns
3
tw(CLKINL)
Pulse duration, CLKIN low
0.45C
0.45C
0.45C
ns
4
tt(CLKIN)
Transition time, CLKIN
5
5
1
ns
5
tJ(CLKIN)
Period jitter, CLKIN
0.02C
0.02C
0.02C
ns
(1)
The reference points for the rise and fall transitions are measured at VIL MAX and VIH MIN.
(2)
For more details on the PLL multiplier factors (x6, x12), see the Clock PLL section of this data sheet.
(3)
C = CLKIN cycle time in ns. For example, when CLKIN frequency is 50 MHz, use C = 20 ns.
DM643 Peripheral Information and Electrical Specifications
82
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com