Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM643 Datasheet(PDF) 62 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM643
Description  Video/Imaging Fixed-Point Digital Signal Processor
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM643 Datasheet(HTML) 62 Page - Texas Instruments

Back Button TMS320DM643 Datasheet HTML 58Page - Texas Instruments TMS320DM643 Datasheet HTML 59Page - Texas Instruments TMS320DM643 Datasheet HTML 60Page - Texas Instruments TMS320DM643 Datasheet HTML 61Page - Texas Instruments TMS320DM643 Datasheet HTML 62Page - Texas Instruments TMS320DM643 Datasheet HTML 63Page - Texas Instruments TMS320DM643 Datasheet HTML 64Page - Texas Instruments TMS320DM643 Datasheet HTML 65Page - Texas Instruments TMS320DM643 Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 162 page
background image
www.ti.com
4
Device Operating Conditions
4.1 Absolute Maximum Ratings Over Operating Case Temperature Range
4.2 Recommended Operating Conditions
TMS320DM643
Video/Imaging Fixed-Point Digital Signal Processor
SPRS269C – FEBRUARY 2005 – REVISED JANUARY 2007
(Unless Otherwise Noted)
(1)
CVDD(2)
–0.3 V to 1.8 V
Supply voltage ranges:
DVDD(2)
–0.3 V to 4 V
Input voltage ranges:
VI
–0.3 V to 4 V
Output voltage ranges:
VO
–0.3 V to 4 V
Operating case temperature ranges, TC:
(default)
0°C to 90°C
Storage temperature range, Tstg:
–65°C to 150°C
Temperature Range
–40°C to 125°C
Package Temperature Cycling:
Number of Cycles
500
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to VSS.
MIN
NOM
MAX
UNIT
Supply voltage, Core (-500 device) (1)
1.14
1.2
1.26
V
CVDD
Supply voltage, Core (-600 device) (1)
1.36
1.4
1.44
V
DVDD
Supply voltage, I/O
3.14
3.3
3.46
V
VSS
Supply ground
0
0
0
V
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
VOS
Maximum voltage during overshoot
4.3(2)
V
VUS
Maximum voltage during undershoot
–1.0 (2)
V
TC
Operating case temperature
Default
0
90
°C
(1)
Future variants of the C64x DSPs may operate at voltages ranging from 0.9 V to 1.4 V to provide a range of system power/performance
options. TI highly recommends that users design-in a supply that can handle multiple voltages within this range (i.e., 1.2 V, 1.25 V,
1.3 V, 1.35 V, 1.4 V with ± 3% tolerances) by implementing simple board changes such as reference resistor values or input pin
configuration modifications. Examples of such supplies include the PT4660, PT5500, PT5520, PT6440, and PT6930 series from Power
Trends, a subsidiary of Texas Instruments. Not incorporating a flexible supply may limit the system's ability to easily adapt to future
versions of C64x devices.
(2)
The absolute maximum ratings should not be exceeded for more than 30% of the cycle period.
Device Operating Conditions
62
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com