Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM643 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM643
Description  Video/Imaging Fixed-Point Digital Signal Processor
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM643 Datasheet(HTML) 49 Page - Texas Instruments

Back Button TMS320DM643 Datasheet HTML 45Page - Texas Instruments TMS320DM643 Datasheet HTML 46Page - Texas Instruments TMS320DM643 Datasheet HTML 47Page - Texas Instruments TMS320DM643 Datasheet HTML 48Page - Texas Instruments TMS320DM643 Datasheet HTML 49Page - Texas Instruments TMS320DM643 Datasheet HTML 50Page - Texas Instruments TMS320DM643 Datasheet HTML 51Page - Texas Instruments TMS320DM643 Datasheet HTML 52Page - Texas Instruments TMS320DM643 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 162 page
background image
www.ti.com
3
Device Configurations
3.1 Configurations at Reset
3.1.1
Peripheral Selection at Device Reset
3.1.2
Device Configuration at Device Reset
TMS320DM643
Video/Imaging Fixed-Point Digital Signal Processor
SPRS269C – FEBRUARY 2005 – REVISED JANUARY 2007
On the DM643 device, bootmode and certain device configurations/peripheral selections are determined at
device reset, while other device configurations/peripheral selections are software-configurable via the
peripheral configurations register (PERCFG) [address location 0x01B3F000] after device reset.
For proper DM643 device operation, the following external pins must be configured correctly:
• The GP0[0] (pin M5) must remain low, do not oppose the internal pulldown (IPD).
• The RSV09 (pin E2) at device reset must be pulled down via a 10-kΩ resistor.
Some DM643 peripherals share the same pins (internally muxed) and are mutually exclusive (i.e., HPI,
EMAC, and MDIO). Other DM643 peripherals (i.e., the Timers, I2C0, GP0, McBSP0, and VP2), are
always available.
• HPI, EMAC, and MDIO peripherals
The MAC_EN pin is latched at reset and determines specific peripheral selection, summarized in
Table 3-1. For further clarification of the HPI vs. EMAC configuration, see Table 3-2.
Table 3-1. HD5, and MAC_EN Peripheral Selection (HPI, EMAC, and MDIO)
PERIPHERAL SELECTION
PERIPHERALS SELECTED
HD5
MAC_EN
HPI Data
HPI Data
EMAC and MDIO
Pin [Y1]
Pin [C5]
Lower
Upper
0
0
√
Hi-Z
Disabled
0
1
√
Hi-Z
√
1
0
√
√
Disabled
1
1
Disabled
√
• The HPI peripheral is enabled and based on the HD5 and MAC_EN pin configuration at reset, HPI16
mode or EMAC and MDIO can be selected.
• The MAC_EN pin, in combination with the HD5 pin, controls the selection of the EMAC and MDIO
peripherals (for more details, see Table 3-2).
Table 3-2. HPI vs. EMAC Peripheral Pin Selection
CONFIGURATION SELECTION
PERIPHERALS SELECTED
GP0[0] (Pin [M5])(1)
HD5 (Pin [Y1])
MAC_EN (Pin [C5])
HD[15:0]
HD[31:16]
0
0
0
HPI16
Hi-Z
0
0
1
HPI16
used for EMAC
0
1
0
HPI32 (HD[31:0])
0
1
1
Hi-Z
used for EMAC
(1) Invalid configuration. The GP0[0] pin must remain low during
1
x
x
device reset.
Table 3-3 describes the DM643 device configuration pins, which are set up via external pullup/pulldown
resistors through the specified EMIFA address bus pins (AEA[22:19]), and the TOUT1/LENDIAN, and the
HD5 pins (all of which are latched during device reset).
Note: If a configuration pin must be routed out from the device, the internal pullup/pulldown (IPU/IPD)
resistor should not be relied upon; TI recommends the use of an external pullup/pulldown resistor.
Submit Documentation Feedback
Device Configurations
49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com