Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM643 Datasheet(PDF) 63 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM643
Description  Video/Imaging Fixed-Point Digital Signal Processor
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM643 Datasheet(HTML) 63 Page - Texas Instruments

Back Button TMS320DM643 Datasheet HTML 59Page - Texas Instruments TMS320DM643 Datasheet HTML 60Page - Texas Instruments TMS320DM643 Datasheet HTML 61Page - Texas Instruments TMS320DM643 Datasheet HTML 62Page - Texas Instruments TMS320DM643 Datasheet HTML 63Page - Texas Instruments TMS320DM643 Datasheet HTML 64Page - Texas Instruments TMS320DM643 Datasheet HTML 65Page - Texas Instruments TMS320DM643 Datasheet HTML 66Page - Texas Instruments TMS320DM643 Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 162 page
background image
www.ti.com
4.3 Electrical Characteristics Over Recommended Ranges of Supply Voltage and Operating
TMS320DM643
Video/Imaging Fixed-Point Digital Signal Processor
SPRS269C – FEBRUARY 2005 – REVISED JANUARY 2007
Case Temperature (Unless Otherwise Noted)
PARAMETER
TEST CONDITIONS (1)
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
DVDD = MIN, IOH = MAX
2.4
V
VOL
Low-level output voltage
DVDD = MIN, IOL = MAX
0.4
V
VI = VSS to DVDD no opposing internal
±10
uA
resistor
VI = VSS to DVDD opposing internal pullup
II
Input current
50
100
150
uA
resistor (2)
VI = VSS to DVDD opposing internal
–150
–100
–50
uA
pulldown resistor (2)
EMIF, CLKOUT4, CLKOUT6, EMUx
–16
mA
Video Ports, Timer, TDO, GPIO
IOH
High-level output current
–8
mA
(Excluding GP0[2:1]), McBSP
HPI
–0.5
mA
EMIF, CLKOUT4, CLKOUT6, EMUx
16
mA
Video Ports, Timer, TDO, GPIO
8
mA
(Excluding GP0[2:1]), McBSP
IOL
Low-level output current
SCL0 and SDA0
3
mA
HPI
1.5
mA
IOZ
Off-state output current
VO = DVDD or 0 V
±10
uA
CVDD = 1.4 V, CPU clock = 600 MHz
890
mA
ICDD
Core supply current(3)
CVDD = 1.2 V, CPU clock = 500 MHz
620
mA
DVDD = 3.3 V, CPU clock = 600 MHz
210
mA
IDDD
I/O supply current(3)
DVDD = 3.3 V, CPU clock = 500 MHz
165
mA
Ci
Input capacitance
10
pF
Co
Output capacitance
10
pF
(1)
For test conditions shown as MIN, MAX, or NOM, use the appropriate value specified in the recommended operating conditions table.
(2)
Applies only to pins with an internal pullup (IPU) or pulldown (IPD) resistor.
(3)
Measured with average activity (50% high/50% low power) at 25°C case temperature and 133-MHz EMIF for -600 speed (100-MHz
EMIF for -500 speed). This model represents a device performing high-DSP-activity operations 50% of the time, and the remainder
performing low-DSP-activity operations. The high/low-DSP-activity models are defined as follows:
•
High-DSP-Activity Model:
–
CPU: 8 instructions/cycle with 2 LDDW instructions [L1 Data Memory: 128 bits/cycle via LDDW instructions;
L1 Program Memory: 256 bits/cycle; L2/EMIF EDMA: 50% writes, 50% reads to/from SDRAM (50% bit-switching)]
–
McBSP: 1 channel at 2.048 MHz
–
Timers: 2 timers at maximum rate
•
Low-DSP-Activity Model:
–
CPU: 2 instructions/cycle with 1 LDH instruction [L1 Data Memory: 16 bits/cycle; L1 Program Memory: 256 bits per 4 cycles;
L2/EMIF EDMA: None]
–
McBSP: 1 channel at 2.048 MHz
–
Timers: 2 timers at maximum rate
The actual current draw is highly application-dependent. For more details on core and I/O activity, refer to the TMS320DMx Power
Consumption Summary application report (literature number SPRA962).
Submit Documentation Feedback
Device Operating Conditions
63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com