Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM643 Datasheet(PDF) 69 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM643
Description  Video/Imaging Fixed-Point Digital Signal Processor
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM643 Datasheet(HTML) 69 Page - Texas Instruments

Back Button TMS320DM643 Datasheet HTML 65Page - Texas Instruments TMS320DM643 Datasheet HTML 66Page - Texas Instruments TMS320DM643 Datasheet HTML 67Page - Texas Instruments TMS320DM643 Datasheet HTML 68Page - Texas Instruments TMS320DM643 Datasheet HTML 69Page - Texas Instruments TMS320DM643 Datasheet HTML 70Page - Texas Instruments TMS320DM643 Datasheet HTML 71Page - Texas Instruments TMS320DM643 Datasheet HTML 72Page - Texas Instruments TMS320DM643 Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 162 page
background image
www.ti.com
5.3.6
Triggering, Wake-up, and Effects
TMS320DM643
Video/Imaging Fixed-Point Digital Signal Processor
SPRS269C – FEBRUARY 2005 – REVISED JANUARY 2007
The power-down modes and their wake-up methods are programmed by setting the PWRD field (bits
15–10) of the control status register (CSR). The PWRD field of the CSR is shown in Figure 5-9 and
described in Table 5-2. When writing to the CSR, all bits of the PWRD field should be set at the same
time. Logic 0 should be used when writing to the reserved bit (bit 15) of the PWRD field. The CSR is
discussed in detail in the TMS320C6000 CPU and Instruction Set Reference Guide (literature number
SPRU189).
31
16
(See NOTE)
15
14
13
12
11
10
9
8
Enable or
Enabled
Reserved
Non-Enabled
PD3
PD2
PD1
(See NOTE)
Interrupt Wake
Interrupt Wake
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
7
0
(See NOTE)
Legend: R/W = Readable/Writable, -n = value after reset, -x = undefined value after reset
NOTE: The shaded bits are not part of the power-down logic discussion and therefore are not covered here. For information on these other
bit fields in the CSR register, see the TMS320C6000 CPU and Instruction Set Reference Guide (literature number SPRU189).
Figure 5-9. PWRD Field of the CSR Register
A delay of up to nine clock cycles may occur after the instruction that sets the PWRD bits in the CSR
before the PD mode takes effect. As best practice, NOPs should be padded after the PWRD bits are set in
the CSR to account for this delay.
If PD1 mode is terminated by a non-enabled interrupt, the program execution returns to the instruction
where PD1 took effect. If PD1 mode is terminated by an enabled interrupt, the interrupt service routine will
be executed first, then the program execution returns to the instruction where PD1 took effect. In the case
with an enabled interrupt, the GIE bit in the CSR and the NMIE bit in the interrupt enable register (IER)
must also be set in order for the interrupt service routine to execute; otherwise, execution returns to the
instruction where PD1 took effect upon PD1 mode termination by an enabled interrupt.
PD2 and PD3 modes can only be aborted by device reset. Table 5-2 summarizes all the power-down
modes.
Submit Documentation Feedback
DM643 Peripheral Information and Electrical Specifications
69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com