Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM643 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM643
Description  Video/Imaging Fixed-Point Digital Signal Processor
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM643 Datasheet(HTML) 29 Page - Texas Instruments

Back Button TMS320DM643 Datasheet HTML 25Page - Texas Instruments TMS320DM643 Datasheet HTML 26Page - Texas Instruments TMS320DM643 Datasheet HTML 27Page - Texas Instruments TMS320DM643 Datasheet HTML 28Page - Texas Instruments TMS320DM643 Datasheet HTML 29Page - Texas Instruments TMS320DM643 Datasheet HTML 30Page - Texas Instruments TMS320DM643 Datasheet HTML 31Page - Texas Instruments TMS320DM643 Datasheet HTML 32Page - Texas Instruments TMS320DM643 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 162 page
background image
www.ti.com
TMS320DM643
Video/Imaging Fixed-Point Digital Signal Processor
SPRS269C – FEBRUARY 2005 – REVISED JANUARY 2007
Table 2-4. Terminal Functions (continued)
SIGNAL
IPD/
TYPE(1)
DESCRIPTION
IPU(2)
NAME
NO.
GP0[15]
G3
GP0[14]
C1
GP0[13]
G4
General-purpose input/output GP0[15:9] pins (I/O/Z).
GP0[12]
H4
Note: By default, no function is enabled upon reset. To configure these pins, see
I/O/Z
the Device Configuration section of this data sheet.
GP0[11]
F1
GP0[10]
J2
GP0[9]
K3
GP0[3]
L5
IPD
GP0 3 pin (I/O/Z)
General-purpose 0 pin (GP0[0]) (I/O/Z) [default]
This pin can be programmed as GPIO 0 (input only) [default] or as GP0[0]
(output only) pin or output as a general-purpose interrupt (GP0INT) signal
GP0[0]
M5
I/O/Z
IPD
(output only).
Note: This pin must remain low during device reset.
VCXO Interpolated Control Port (VIC) single-bit digital-to-analog converter
VDAC/GP0[8](3)
AD1
I/O/Z
IPD
(VDAC) output [output only] [default] or this pin can be programmed as a GP0 8
pin (I/O/Z).
Clock output at 1/6 of the device speed (O/Z) [default] or this pin can be
CLKOUT6/GP0[2](3)
C6
I/O/Z
IPD
programmed as a GP0 2 pin (I/O/Z).
Clock output at 1/4 of the device speed (O/Z) [default] or this pin can be
CLKOUT4/GP0[1](3)
D6
I/O/Z
IPD
programmed as a GP0 1 pin (I/O/Z).
HOST-PORT INTERFACE (HPI) or EMAC
HINT
N4
O/Z
Host interrupt from DSP to host (O).
HCNTL1
P1
I
Host control – selects between control, address, or data registers (I).
HCNTL0
R3
I
Host control – selects between control, address, or data registers (I).
Host half-word select – first or second half-word (not necessarily high or low
HHWIL
N3
I
order). [For HPI16 bus width selection only] (I).
HR/W
M1
I
Host read or write select (I).
HAS
P3
I
Host address strobe (I)
Host chip select (I)
HCS
R1
I
Host data strobe 1 (I)
HDS1
R2
I
Host data strobe 2 (I)
Note: If unused, the following HPI control signals should be externally pulled
HDS2
T2
I
high.
HRDY
N1
O/Z
Host ready from DSP to host (O)
Submit Documentation Feedback
Device Overview
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com