Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM643 Datasheet(PDF) 112 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM643
Description  Video/Imaging Fixed-Point Digital Signal Processor
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM643 Datasheet(HTML) 112 Page - Texas Instruments

Back Button TMS320DM643 Datasheet HTML 108Page - Texas Instruments TMS320DM643 Datasheet HTML 109Page - Texas Instruments TMS320DM643 Datasheet HTML 110Page - Texas Instruments TMS320DM643 Datasheet HTML 111Page - Texas Instruments TMS320DM643 Datasheet HTML 112Page - Texas Instruments TMS320DM643 Datasheet HTML 113Page - Texas Instruments TMS320DM643 Datasheet HTML 114Page - Texas Instruments TMS320DM643 Datasheet HTML 115Page - Texas Instruments TMS320DM643 Datasheet HTML 116Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 162 page
background image
www.ti.com
5.10.2
I2C Peripheral Register Description(s)
TMS320DM643
Video/Imaging Fixed-Point Digital Signal Processor
SPRS269C – FEBRUARY 2005 – REVISED JANUARY 2007
Table 5-34. I2C0 Registers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
01B4 0000
I2COAR0
I2C0 own address register
01B4 0004
I2CIER0
I2C0 interrupt enable register
01B4 0008
I2CSTR0
I2C0 interrupt status register
01B4 000C
I2CCLKL0
I2C0 clock low-time divider register
01B4 0010
I2CCLKH0
I2C0 clock high-time divider register
01B4 0014
I2CCNT0
I2C0 data count register
01B4 0018
I2CDRR0
I2C0 data receive register
01B4 001C
I2CSAR0
I2C0 slave address register
01B4 0020
I2CDXR0
I2C0 data transmit register
01B4 0024
I2CMDR0
I2C0 mode register
01B4 0028
I2CISRC0
I2C0 interrupt source register
01B4 002C
–
Reserved
01B4 0030
I2CPSC0
I2C0 prescaler register
01B4 0034
I2CPID10
I2C0 Peripheral Identification register 1 [Value: 0x0000 0101]
01B4 0038
I2CPID20
I2C0 Peripheral Identification register 2 [Value: 0x0000 0005]
01B4 003C – 01B4 3FFF
–
Reserved
DM643 Peripheral Information and Electrical Specifications
112
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com