Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7SCR Datasheet(PDF) 52 Page - STMicroelectronics

Part # ST7SCR
Description  8-BIT LOW-POWER, FULL-SPEED USB MCU WITH 16K FLASH, 768 RAM, SMARTCARD I/F, TIMER
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7SCR Datasheet(HTML) 52 Page - STMicroelectronics

Back Button ST7SCR_07 Datasheet HTML 48Page - STMicroelectronics ST7SCR_07 Datasheet HTML 49Page - STMicroelectronics ST7SCR_07 Datasheet HTML 50Page - STMicroelectronics ST7SCR_07 Datasheet HTML 51Page - STMicroelectronics ST7SCR_07 Datasheet HTML 52Page - STMicroelectronics ST7SCR_07 Datasheet HTML 53Page - STMicroelectronics ST7SCR_07 Datasheet HTML 54Page - STMicroelectronics ST7SCR_07 Datasheet HTML 55Page - STMicroelectronics ST7SCR_07 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 101 page
background image
ST7SCR
52/101
USB INTERFACE (Cont’d)
Bits 1:0 = STAT_RX [1:0] Status bits, for reception
transfers.
These bits contain the information about the end-
point status, which are listed below:
Table 17. Reception Status Encoding
These bits are written by software. Hardware sets
the STAT_RX and STAT_TX bits to NAK when a
correct transfer has occurred (CTR=1) addressed
to this endpoint, so the software has the time to ex-
amine the received data before acknowledging a
new transaction.
Note 1:
If a SETUP transaction is received while the status
is different from DISABLED, it is acknowleded and
the two directional status bits are set to NAK by
hardware.
Note 2:
When a STALL is answered by the USB device,
the two directional status bits are set to STALL by
hardware.
ENDPOINT
TRANSMISSION
REGISTER
(EP1TXR,
EP2TXR,
EP3TXR,
EP4TXR,
EP5TXR)
Read/Write
Reset value: 0000 0000 (00h)
This register is used for controlling Endpoint 1, 2,
3, 4 or 5 transmission. Bits 2:0 are also reset by a
USB reset, either received from the USB or forced
through the FRES bit in the USBCTLR register.
Bits [7:4] = Reserved, forced by hardware to 0.
Bit 3 = CTR_TX Correct Transmission Transfer.
This bit is set by hardware when a correct transfer
operation is performed in transmission. This bit
must be cleared after the corresponding interrupt
has been serviced.
0: No CTR in transmission on Endpoint 1, 2, 3, 4 or
5
1: Correct transfer in transmission on Endpoint 1,
2, 3, 4 or 5
Bit 2 = DTOG_TX Data Toggle, for transmission
transfers.
This bit contains the required value of the toggle
bit (0=DATA0, 1=DATA1) for the next data packet.
DTOG_TX toggles only when the transmitter has
received the ACK signal from the USB host.
DTOG_TX and DTOG_RX are normally updated
by hardware, at the receipt of a relevant PID. They
can be also written by the user, both for testing
purposes and to force a specific (DATA0 or
DATA1) token.
Bits [1:0] = STAT_TX [1:0] Status bits, for trans-
mission transfers.
These bits contain the information about the end-
point status, which is listed below
Table 18. Transmission Status Encoding
These bits are written by software, but hardware
sets the STAT_TX bits to NAK when a correct
transfer has occurred (CTR=1) addressed to this
endpoint. This allows software to prepare the next
set of data to be transmitted.
STAT_RX1 STAT_RX0
Meaning
00
DISABLED: no function can be
executed on this endpoint and
messages related to this end-
point are ignored.
01
STALL: the endpoint is stalled
and all reception requests re-
sult in a STALL handshake.
10
NAK: the endpoint is NAKed
and all reception requests re-
sult in a NAK handshake.
11
VALID: this endpoint is ena-
bled (if an address match oc-
curs, the USB interface
handles the transaction).
70
00
00
CTR_T
X
DTOG
_TX
STAT_
TX1
STAT_
TX0
STAT_TX1 STAT_TX0
Meaning
00
DISABLED: transmission
transfers cannot be executed.
01
STALL: the endpoint is stalled
and all transmission requests
result in a STALL handshake.
10
NAK: the endpoint is naked
and all transmission requests
result in a NAK handshake.
11
VALID: this endpoint is ena-
bled for transmission.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com