Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7SCR Datasheet(PDF) 54 Page - STMicroelectronics

Part # ST7SCR
Description  8-BIT LOW-POWER, FULL-SPEED USB MCU WITH 16K FLASH, 768 RAM, SMARTCARD I/F, TIMER
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7SCR Datasheet(HTML) 54 Page - STMicroelectronics

Back Button ST7SCR_07 Datasheet HTML 50Page - STMicroelectronics ST7SCR_07 Datasheet HTML 51Page - STMicroelectronics ST7SCR_07 Datasheet HTML 52Page - STMicroelectronics ST7SCR_07 Datasheet HTML 53Page - STMicroelectronics ST7SCR_07 Datasheet HTML 54Page - STMicroelectronics ST7SCR_07 Datasheet HTML 55Page - STMicroelectronics ST7SCR_07 Datasheet HTML 56Page - STMicroelectronics ST7SCR_07 Datasheet HTML 57Page - STMicroelectronics ST7SCR_07 Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 101 page
background image
ST7SCR
54/101
USB INTERFACE (Cont’d)
RECEPTION COUNTER REGISTER (CNT0RXR)
Read/Write
Reset Value: 0000 0000 (00h)
This register contains the allocated buffer size for
endpoint
0
reception,
setting
the
maximum
number of bytes the related endpoint can receive
with the next OUT or SETUP transaction. At the
end of a reception, the value of this register is the
max size decremented by the number of bytes re-
ceived (to determine the number of bytes re-
ceived, the software must subtract the content of
this register from the allocated buffer size).
TRANSMISSION COUNTER REGISTER
(CNT0TXR, CNT1TXR, CNT3TXR, CNT4TXR,
CNT5TXR)
Read/Write
Reset Value 0000 0000 (00h)
This register contains the number of bytes to be
transmitted by Endpoint 0, 1, 3, 4 or 5 at the next
IN token addressed to it.
RECEPTION COUNTER REGISTER (CNT2RXR)
Read/Write
Reset Value: 0000 0000 (00h)
This register contains the allocated buffer size for
endpoint
2
reception,
setting
the
maximum
number of bytes the related endpoint can receive
with the next OUT transaction. At the end of a re-
ception, the value of this register is the max size
decremented by the number of bytes received (to
determine the number of bytes received, the soft-
ware must subtract the content of this register from
the allocated buffer size).
TRANSMISSION COUNTER REGISTER
(CNT2TXR)
Read/Write
Reset Value 0000 0000 (00h)
This register contains the number of bytes to be
transmitted by Endpoint 2 at the next IN token ad-
dressed to it.
70
0
0
0
0
CNT3 CNT2 CNT1 CNT0
70
0
0
0
0
CNT3 CNT2 CNT1 CNT0
70
0
CNT6 CNT5 CNT4 CNT3 CNT2 CNT CNT0
70
0
CNT6 CNT5 CNT4 CNT3 CNT2 CNT1 CNT0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com