Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7SCR Datasheet(PDF) 37 Page - STMicroelectronics

Part # ST7SCR
Description  8-BIT LOW-POWER, FULL-SPEED USB MCU WITH 16K FLASH, 768 RAM, SMARTCARD I/F, TIMER
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7SCR Datasheet(HTML) 37 Page - STMicroelectronics

Back Button ST7SCR_07 Datasheet HTML 33Page - STMicroelectronics ST7SCR_07 Datasheet HTML 34Page - STMicroelectronics ST7SCR_07 Datasheet HTML 35Page - STMicroelectronics ST7SCR_07 Datasheet HTML 36Page - STMicroelectronics ST7SCR_07 Datasheet HTML 37Page - STMicroelectronics ST7SCR_07 Datasheet HTML 38Page - STMicroelectronics ST7SCR_07 Datasheet HTML 39Page - STMicroelectronics ST7SCR_07 Datasheet HTML 40Page - STMicroelectronics ST7SCR_07 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 101 page
background image
ST7SCR
37/101
I/O PORTS (Cont’d)
Table 13. I/O Ports Register Map
Address
(Hex.)
Register
Label
7
6
543
2
1
0
11
PADR
Reset Value
MSB
00
0
0
0
0
0
LSB
0
12
PADDR
Reset Value
MSB
00
0
0
0
0
0
LSB
0
13
PAOR
Reset Value
MSB
00
0
0
0
0
0
LSB
0
14
PAPUCR
Reset Value
MSB
00
0
0
0
0
0
LSB
0
15
PBDR
Reset Value
MSB
00
0
0
0
0
0
LSB
0
16
PBOR
Reset Value
MSB
00
0
0
0
0
0
LSB
0
17
PBPUCR
Reset Value
MSB
00
0
0
0
0
0
LSB
0
18
PCDR
Reset Value
MSB
00
0
0
0
0
0
LSB
0
19
PDDR
Reset Value
MSB
00
0
0
0
0
0
LSB
0
1A
PDOR
Reset Value
MSB
00
0
0
0
0
0
LSB
0
1B
PDPUCR
Reset Value
MSB
00
0
0
0
0
0
LSB
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com