Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7SCR Datasheet(PDF) 100 Page - STMicroelectronics

Part # ST7SCR
Description  8-BIT LOW-POWER, FULL-SPEED USB MCU WITH 16K FLASH, 768 RAM, SMARTCARD I/F, TIMER
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7SCR Datasheet(HTML) 100 Page - STMicroelectronics

Back Button ST7SCR_07 Datasheet HTML 93Page - STMicroelectronics ST7SCR_07 Datasheet HTML 94Page - STMicroelectronics ST7SCR_07 Datasheet HTML 95Page - STMicroelectronics ST7SCR_07 Datasheet HTML 96Page - STMicroelectronics ST7SCR_07 Datasheet HTML 97Page - STMicroelectronics ST7SCR_07 Datasheet HTML 98Page - STMicroelectronics ST7SCR_07 Datasheet HTML 99Page - STMicroelectronics ST7SCR_07 Datasheet HTML 100Page - STMicroelectronics ST7SCR_07 Datasheet HTML 101Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 100 / 101 page
background image
ST7SCR
100/101
18 REVISION HISTORY
Table 27. Revision History.
Date
Revision
Description of Changes
11-Mar-2004
1.5
Changed labelling of Capacitors on Figure 5 & removed 3
Inserted note that C1 and C2 must be close to the chip on Figure 5
Changed CL2 from 30pF to 33pF, section 14.4.3 on page 83
Added Figure 6.Smartcard Interface Reference Application - 64-Pin LQFP Package
Changed ILsink Min from 5.6mA to 5, p80, LED Pins Table
Changed values in 14.5.2FLASH Memory Table
For table in 14.6SMARTCARD SUPPLY SUPERVISOR ELECTRICAL CHARACTERISTICS
added many references to note 1
Section 14.7.3Absolute Maximum Ratings (Electrical Sensitivity) Changed VESD Max from
1500 to 2000 V
Section 14.8.1USB - Universal Bus Interface table, merged notes 1 & 2 into one note
Replaced Errata sheet with Important Notes section (17IMPORTANT NOTES)
Figure 14.4.3 Values changed: Rf : Min 90kΩ, Max 150kΩ; I2 : Min 1.5mA, Max 3.5mA
15-Sep-2004
2.0
Split High Current values in LED Pins table for ROM and FLASH devices Section 14.2
Clarification of read-out protection
31-Aug-2005
3.0
Added new sales types for ROM versions based on new coding, Table 24 and in Option List
Max value added for Idd WAIT, Section 14.2
Flash memory data retention increased to 40 years, Section 14.5.2
Reference made to the Flash Programming Reference Manual for Flash timing values
Errata sheet content moved to Section 17 IMPORTANT NOTES
23-Apr-2007
4.0
Addition of QFN24 package (first page, pinouts, ordering information updated)
Option list updated, page 94



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com