Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7SCR Datasheet(PDF) 12 Page - STMicroelectronics

Part # ST7SCR
Description  8-BIT LOW-POWER, FULL-SPEED USB MCU WITH 16K FLASH, 768 RAM, SMARTCARD I/F, TIMER
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7SCR Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ST7SCR_07 Datasheet HTML 8Page - STMicroelectronics ST7SCR_07 Datasheet HTML 9Page - STMicroelectronics ST7SCR_07 Datasheet HTML 10Page - STMicroelectronics ST7SCR_07 Datasheet HTML 11Page - STMicroelectronics ST7SCR_07 Datasheet HTML 12Page - STMicroelectronics ST7SCR_07 Datasheet HTML 13Page - STMicroelectronics ST7SCR_07 Datasheet HTML 14Page - STMicroelectronics ST7SCR_07 Datasheet HTML 15Page - STMicroelectronics ST7SCR_07 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 101 page
background image
ST7SCR
12/101
3 REGISTER & MEMORY MAP
As shown in Figure 7, the MCU is capable of ad-
dressing 64K bytes of memories and I/O registers.
The available memory locations consist of 40
bytes of register locations, up to 512 bytes of RAM
and up to 16K bytes of user program memory. The
RAM space includes up to 128 bytes for the stack
from 0100h to 017Fh.
The highest address bytes contain the user reset
and interrupt vectors.
IMPORTANT:
Memory
locations
noted
“Re-
served” must never be accessed. Accessing a re-
served area can have unpredictable effects on the
device.
Figure 7. Memory Map
0000h
Interrupt & Reset Vectors
HW Registers
0040h
003Fh
(see Table 3)
FFDFh
FFE0h
FFFFh
(see Table 8)
C000h
033Fh
Program Memory
RAM
USB RAM
(16K Bytes)
Short Addressing
Stack (128 Bytes)
0100h
0180h
023Fh
0040h
00FFh
017Fh
16-bit Addressing RAM
RAM (192 Bytes)
( 192 Bytes)
023Fh
0240h
256 Bytes
(512 Bytes)
Unused



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com