Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7SCR Datasheet(PDF) 13 Page - STMicroelectronics

Part # ST7SCR
Description  8-BIT LOW-POWER, FULL-SPEED USB MCU WITH 16K FLASH, 768 RAM, SMARTCARD I/F, TIMER
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7SCR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ST7SCR_07 Datasheet HTML 9Page - STMicroelectronics ST7SCR_07 Datasheet HTML 10Page - STMicroelectronics ST7SCR_07 Datasheet HTML 11Page - STMicroelectronics ST7SCR_07 Datasheet HTML 12Page - STMicroelectronics ST7SCR_07 Datasheet HTML 13Page - STMicroelectronics ST7SCR_07 Datasheet HTML 14Page - STMicroelectronics ST7SCR_07 Datasheet HTML 15Page - STMicroelectronics ST7SCR_07 Datasheet HTML 16Page - STMicroelectronics ST7SCR_07 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 101 page
background image
ST7SCR
13/101
Table 3. Hardware Register Memory Map
Address
Block
Register
Label
Register
name
Reset Status
Remarks
0000h
0001h
0002h
0003h
0004h
0005h
0006h
0007h
0008h
0009h
000Ah
000Bh
000Ch
000Dh
CRD
CRDCR
CRDSR
CRDCCR
CRDETU1
CRDETU0
CRDGT1
CRDGT0
CRDWT2
CRDWT1
CRDWT0
CRDIER
CRDIPR
CRDTXB
CRDRXB
Smartcard Interface Control Register
Smartcard Interface Status Register
Smartcard Contact Control Register
Smartcard Elementary Time Unit 1
Smartcard Elementary Time Unit 0
Smartcard Guard time 1
Smartcard Guard time 0
Smartcard Character Waiting Time 2
Smartcard Character Waiting Time 1
Smartcard Character Waiting Time 0
Smartcard Interrupt Enable Register
Smartcard Interrupt Pending Register
Smartcard Transmit Buffer Register
Smartcard Receive Buffer Register
00h
80h
xxh
01h
74h
00h
0Ch
00h
25h
80h
00h
00h
00h
00h
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R
R/W
R
000Eh
Watchdog
WDGCR
Watchdog Control Register
00h
R/W
0011h
0012h
0013h
0014h
Port A
PADR
PADDR
PAOR
PAPUCR
Port A Data Register
Port A Data Direction Register
Option Register
Pull up Control Register
00h
00h
00h
00h
R/W
R/W
R/W
R/W
0015h
0016h
0017h
Port B
PBDR
PBOR
PBPUCR
Port B Data Register
Option Register
Pull up Control Register
00h
00h
00h
R/W
R/W
R/W
0018h
Port C
PCDR
Port C Data Register
00h
R/W
0019h
001Ah
001Bh
Port D
PDDR
PDOR
PDPUCR
Port D Data Register
Option Register
Pull up Control Register
00h
00h
00h
R/W
R/W
R/W
001Ch
001Dh
001Eh
001Fh
MISC
MISCR1
MISCR2
MISCR3
MISCR4
Miscellaneous Register 1
Miscellaneous Register 2
Miscellaneous Register 3
Miscellaneous Register 4
00h
00h
00h
00h
R/W
R/W
R/W
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com