Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7SCR Datasheet(PDF) 68 Page - STMicroelectronics

Part # ST7SCR
Description  8-BIT LOW-POWER, FULL-SPEED USB MCU WITH 16K FLASH, 768 RAM, SMARTCARD I/F, TIMER
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7SCR Datasheet(HTML) 68 Page - STMicroelectronics

Back Button ST7SCR_07 Datasheet HTML 64Page - STMicroelectronics ST7SCR_07 Datasheet HTML 65Page - STMicroelectronics ST7SCR_07 Datasheet HTML 66Page - STMicroelectronics ST7SCR_07 Datasheet HTML 67Page - STMicroelectronics ST7SCR_07 Datasheet HTML 68Page - STMicroelectronics ST7SCR_07 Datasheet HTML 69Page - STMicroelectronics ST7SCR_07 Datasheet HTML 70Page - STMicroelectronics ST7SCR_07 Datasheet HTML 71Page - STMicroelectronics ST7SCR_07 Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 101 page
background image
ST7SCR
68/101
SMARTCARD INTERFACE (Cont’d)
CHARACTER WAITING TIME REGISTER (CRD-
WTx)
CRDWT2
Read/Write
Reset Value: 0000 0000 (00h) .
CRDWT1
Read/Write
Reset Value: 0010 0101 (25h)
CRDWT0
Read/Write
Reset Value: 1000 0000 (80h)
WT: Character waiting time value expressed in
ETU (0 / 16777215).
The CRDWT0, CRDWT1 and CRDWT2 registers
hold the load value of the Waiting Time counter.
Note: A read operation does not return the counter
value.
This counter can be used as a general purpose
timer.
If the WTEN bit of the CRDCR register is reset, the
counter is reloaded when a write access in the
CRDWT2 register occurs. It starts when the
WTEN bit is set.
If the WTEN bit in the CRDCR register is set and if
UART mode is activated, the counter acts as an
autoreload timer. The timer is reloaded when a
start bit is sent or detected. An interrupt is generat-
ed if the timer overflows between two consecutive
start bits.
Note: When loaded with a 0 value, the Waiting
Time counter stays at 0 and the WTF bit = 1.
70
WT
23
WT
22
WT
21
WT
20
WT
19
WT
18
WT
17
WT
16
70
WT
15
WT
14
WT
13
WT
12
WT
11
WT
10
WT9
WT8
70
WT 7
WT6
WT5
WT4
WT3
WT2
WT1
WT0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com