Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7SCR Datasheet(PDF) 60 Page - STMicroelectronics

Part # ST7SCR
Description  8-BIT LOW-POWER, FULL-SPEED USB MCU WITH 16K FLASH, 768 RAM, SMARTCARD I/F, TIMER
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7SCR Datasheet(HTML) 60 Page - STMicroelectronics

Back Button ST7SCR_07 Datasheet HTML 56Page - STMicroelectronics ST7SCR_07 Datasheet HTML 57Page - STMicroelectronics ST7SCR_07 Datasheet HTML 58Page - STMicroelectronics ST7SCR_07 Datasheet HTML 59Page - STMicroelectronics ST7SCR_07 Datasheet HTML 60Page - STMicroelectronics ST7SCR_07 Datasheet HTML 61Page - STMicroelectronics ST7SCR_07 Datasheet HTML 62Page - STMicroelectronics ST7SCR_07 Datasheet HTML 63Page - STMicroelectronics ST7SCR_07 Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 101 page
background image
ST7SCR
60/101
SMARTCARD INTERFACE (Cont’d)
Waiting Time Counter
The Waiting Time counter is a 24-bit counter used
to generate a timeout signal.
The elementary time unit counter acts as a pres-
caler to the Waiting Time counter which is incre-
mented at the etu rate.
The Waiting Time Counter can be used in both
UART mode and Manual mode and acts in differ-
ent ways depending on the selected mode.
The CRDWT2, CRDWT1 and CRDWT0 are load
registers only, the counter itself is not directly ac-
cessible.
UART Mode
The load conditions are either:
– A Start bit is detected while UART bit =1 and the
WTEN bit =1.
or
– A write access to the CRDWT2 register is per-
formed while the UART bit = 1 and the WTEN bit
= 0. In this case, the Waiting Time counter can be
used as a general purpose timer.
In UART mode, if the WTEN bit of the CRDCR reg-
ister is set, the counter is loaded automatically on
start bit detection. Software can change the time
out value on-the-fly by writing to the
CRDWT registers. For example, in T=1 mode,
software must load the Block Waiting Time (BWT)
time-out in the CRDWT registers before the start
bit of the last transmitted character.
Then, after transmission of this last character, sig-
nalled by the TXC interrupt, software must write
the CWT value (Character Waiting Time) in the
CRDWT registers. See example in Figure 33.
Manual mode
The load conditions are:
– A write access to the CRDWT2 register is per-
formed while the UART bit = 0 and the WTEN bit
= 0
In Manual mode, if the WTEN bit of the CRDCR
register is reset, the timer acts as a general pur-
pose timer. The timer is loaded when a write ac-
cess to the CRDWT2 register occurs. The timer
starts when the WTEN bit = 1.
12.4.3.4 Interrupt generator
The Smartcard Interface has 2 interrupt vectors:
– Card Insertion/Removal Interrupt
– CRD Interrupt
The CRD interrupt is cleared when software reads
the CRDIPR register. The Card Insertion/Removal
is an external interrupt and is cleared automatical-
ly by hardware at the end of the interrupt service
routine (IRET instruction).
If an interrupt occurs while the CRDIPR register is
being read, the corresponding bit will be set by
hardware after the read access is done.
Figure 33. Waiting Time Counter Example
BWT
CWT
Reader
Smartcard
Firmware must program BWT
Firmware must program CWT
TXC Interrupt
Start bit
Waiting Time Counter
loaded on start bit
CHAR0
CHAR1
CHARn
CHAR0
CHAR1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com