Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7SCR Datasheet(PDF) 39 Page - STMicroelectronics

Part # ST7SCR
Description  8-BIT LOW-POWER, FULL-SPEED USB MCU WITH 16K FLASH, 768 RAM, SMARTCARD I/F, TIMER
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7SCR Datasheet(HTML) 39 Page - STMicroelectronics

Back Button ST7SCR_07 Datasheet HTML 35Page - STMicroelectronics ST7SCR_07 Datasheet HTML 36Page - STMicroelectronics ST7SCR_07 Datasheet HTML 37Page - STMicroelectronics ST7SCR_07 Datasheet HTML 38Page - STMicroelectronics ST7SCR_07 Datasheet HTML 39Page - STMicroelectronics ST7SCR_07 Datasheet HTML 40Page - STMicroelectronics ST7SCR_07 Datasheet HTML 41Page - STMicroelectronics ST7SCR_07 Datasheet HTML 42Page - STMicroelectronics ST7SCR_07 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 101 page
background image
ST7SCR
39/101
MISCELLANEOUS REGISTER 3 (MISCR3)
Reset Value: 0000 0000 (00h)
Read/Write
This register is used to configure the edge and the
level sensitivity of the Port A and Port C external
interrupt. This means that all bits of a port must
have the same sensitivity.
If a write access modifies bits 7:4, it clears the
pending interrupts.
CTRL0_C, CTRL1_C : Sensitivity on port C
CTRL0_A, CTRL1_A : Sensitivity on port A
MISCELLANEOUS REGISTER 4 (MISCR4)
Reser Value : 0000 0000 (00h).
Read/Write
Bit 7 = Reserved.
Bit 6 = PLL_ON PLL Activation
0: PLL disabled
1: PLL enabled
Note: The PLL must be disabled before a HALT
instruction.
Bit 5 = CLK_SEL Clock Selection
This bit is set and cleared by software.
0: CPU frequency = 4MHz
1: CPU frequency = 8MHz
Bits 4:1 = Reserved.
Bit 0 = LOCK PLL status bit
0: PLL not locked. fCPU = fOSC external clock fre-
quency.
1: PLL locked. fCPU = 4 or 8 MHz depending on
CLKSEL bit.
70
CTR
L1_A
CTR
L0_A
CTR
L1_C
CTR
L0_C
---
-
CTR
L1_X
CTR
L0_X
External
Interrupt Sensitivity
0
0
Falling edge & low level
0
1
Rising edge only
1
0
Falling edge only
1
1
Rising and falling edge
70
-
PLL
_ON
CLK_
SEL
--
-
-
LOCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com