Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7SCR Datasheet(PDF) 91 Page - STMicroelectronics

Part # ST7SCR
Description  8-BIT LOW-POWER, FULL-SPEED USB MCU WITH 16K FLASH, 768 RAM, SMARTCARD I/F, TIMER
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7SCR Datasheet(HTML) 91 Page - STMicroelectronics

Back Button ST7SCR_07 Datasheet HTML 87Page - STMicroelectronics ST7SCR_07 Datasheet HTML 88Page - STMicroelectronics ST7SCR_07 Datasheet HTML 89Page - STMicroelectronics ST7SCR_07 Datasheet HTML 90Page - STMicroelectronics ST7SCR_07 Datasheet HTML 91Page - STMicroelectronics ST7SCR_07 Datasheet HTML 92Page - STMicroelectronics ST7SCR_07 Datasheet HTML 93Page - STMicroelectronics ST7SCR_07 Datasheet HTML 94Page - STMicroelectronics ST7SCR_07 Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 101 page
background image
ST7SCR
91/101
Figure 46. 24-Lead Very thin Fine pitch Quad Flat No-Lead Package
Figure 47. Recommended Reflow Oven Profile (MID JEDEC)
Dim.
mm
inches1)
Note 1. Values in inches are converted from mm
and rounded to 3 decimal digits.
Min
Typ
Max
Min
Typ
Max
A
0.80
0.90
1.00 0.031 0.035 0.039
A1
0.02
0.05
0.001 0.002
A3
0.20
0.008
b
0.25
0.30
0.35 0.010 0.012 0.014
D
5.00
0.197
D2
3.50
3.60
3.70 0.138 0.142 0.146
E
5.00
0.197
E2
3.50
3.60
3.70 0.138 0.142 0.146
e
0.65
0.026
L
0.35
0.45
0.55 0.014 0.018 0.022
ddd
0.08
0.003
Number of Pins
N
24
SEATING
PLANE
A
D2
E2
1
2
PIN #1 ID TYPE C
RADIUS
D
E
A1
A3
b
e
L
250
200
150
100
50
0
100
200
300
400
Time [sec]
Temp. [°C]
ramp up
2°C/sec for 50sec
90 sec at 125°C
150 sec above 183°C
ramp down natural
2°C/sec max
Tmax=220+/-5°C
for 25 sec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com