Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7SCR Datasheet(PDF) 11 Page - STMicroelectronics

Part # ST7SCR
Description  8-BIT LOW-POWER, FULL-SPEED USB MCU WITH 16K FLASH, 768 RAM, SMARTCARD I/F, TIMER
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7SCR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST7SCR_07 Datasheet HTML 7Page - STMicroelectronics ST7SCR_07 Datasheet HTML 8Page - STMicroelectronics ST7SCR_07 Datasheet HTML 9Page - STMicroelectronics ST7SCR_07 Datasheet HTML 10Page - STMicroelectronics ST7SCR_07 Datasheet HTML 11Page - STMicroelectronics ST7SCR_07 Datasheet HTML 12Page - STMicroelectronics ST7SCR_07 Datasheet HTML 13Page - STMicroelectronics ST7SCR_07 Datasheet HTML 14Page - STMicroelectronics ST7SCR_07 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 101 page
background image
ST7SCR
11/101
Figure 6. Smartcard Interface Reference Application - 64-Pin LQFP Package
Note 1: C1, C2, C7 and C8 must be located close
to the chip.
Note 2: Refer to section 6 on page 21 & Section
14.4.3 Crystal Resonator Oscillators.
64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
17 18 19 20 21 22 23 24
29 30 31 32
25 26 27 28
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
CL1
CL2
C4
C5
C6
VDD
L1
C3
LED
C1
VDD
D-
D1
VDD
C2
R
D+
C7
C8
Mandatory values for the external components :
L1 : 10 µH, 2 Ohm
C4 : 4.7 µF,ESR 0.5 Ohm
C3 : 1 nF
Crystal 4.0 MHz, Impedance max100 Ohm
Cl1, Cl2 2)
D1: BAT42 SHOTTKY
C5 : 470 pF
C6 : 100 pF
C2 : 100nF 1)
C1 : 4.7 µF 1)
R : 1.5kOhm
C7 : 100 nF 1)
C8 : 100 nF 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com