Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7SCR Datasheet(PDF) 83 Page - STMicroelectronics

Part # ST7SCR
Description  8-BIT LOW-POWER, FULL-SPEED USB MCU WITH 16K FLASH, 768 RAM, SMARTCARD I/F, TIMER
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7SCR Datasheet(HTML) 83 Page - STMicroelectronics

Back Button ST7SCR_07 Datasheet HTML 79Page - STMicroelectronics ST7SCR_07 Datasheet HTML 80Page - STMicroelectronics ST7SCR_07 Datasheet HTML 81Page - STMicroelectronics ST7SCR_07 Datasheet HTML 82Page - STMicroelectronics ST7SCR_07 Datasheet HTML 83Page - STMicroelectronics ST7SCR_07 Datasheet HTML 84Page - STMicroelectronics ST7SCR_07 Datasheet HTML 85Page - STMicroelectronics ST7SCR_07 Datasheet HTML 86Page - STMicroelectronics ST7SCR_07 Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 101 page
background image
ST7SCR
83/101
CLOCK AND TIMING CHARACTERISTICS (Cont’d)
14.4.3 Crystal Resonator Oscillators
The ST7 internal clock is supplied with one Crystal
resonator oscillator. All the information given in
this paragraph are based on characterization re-
sults with specified typical external componants. In
the application, the resonator and the load capaci-
tors have to be placed as close as possible to the
oscillator pins in order to minimize output distortion
and start-up stabilization time. Refer to the crystal
resonator manufacturer for more details (frequen-
cy, package, accuracy...).
Figure 41. Typical Application with a Crystal Resonator
Notes:
1. Resonator characteristics given by the crystal resonator manufacturer.
2. tSU(OSC) is the typical oscillator start-up time measured between VDD=2.8V and the fetch of the first instruction (with a
quick VDD ramp-up from 0 to 5V (<50µs).
3. The oscillator selection can be optimized in terms of supply current using an high quality resonator with small RS value.
Refer to crystal resonator manufacturer for more details.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fOSC
Oscillator Frequency 3)
MP: Medium power oscillator
4
MHz
RF
Feedback resistor
90
150
k
Ω
CL1
CL2
Recommanded load capaci-
tances versus equivalent se-
rial resistance of the crystal
resonator (RS)
See Table 5, “Recom-
mended Values for 4
MHz Crystal Resona-
tor,” on page 21
(MP oscillator)
22
56
pF
i2
OSCOUT driving current
VDD=5V
VIN=VSS
(MP oscillator)
1.5
3.5
mA
Oscil.
Typical Crystal Resonator
CL1
[pF]
CL2
[pF]
tSU(osc)
[ms] 2)
Reference
Freq.
Characteristic 1)
MP JAUCH
SS3-400-30-30/30 4MHz
∆f
OSC=[±30ppm25°C,±30ppm
∆Ta], Typ. RS=60Ω
33
33
7~10
OSCOUT
OSCIN
fOSC
CL1
CL2
i2
RF
ST7XXX
RESONATOR
WHEN RESONATOR WITH
INTEGRATED CAPACITORS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com