Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7SCR Datasheet(PDF) 23 Page - STMicroelectronics

Part # ST7SCR
Description  8-BIT LOW-POWER, FULL-SPEED USB MCU WITH 16K FLASH, 768 RAM, SMARTCARD I/F, TIMER
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7SCR Datasheet(HTML) 23 Page - STMicroelectronics

Back Button ST7SCR_07 Datasheet HTML 19Page - STMicroelectronics ST7SCR_07 Datasheet HTML 20Page - STMicroelectronics ST7SCR_07 Datasheet HTML 21Page - STMicroelectronics ST7SCR_07 Datasheet HTML 22Page - STMicroelectronics ST7SCR_07 Datasheet HTML 23Page - STMicroelectronics ST7SCR_07 Datasheet HTML 24Page - STMicroelectronics ST7SCR_07 Datasheet HTML 25Page - STMicroelectronics ST7SCR_07 Datasheet HTML 26Page - STMicroelectronics ST7SCR_07 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 101 page
background image
ST7SCR
23/101
6.2 RESET SEQUENCE MANAGER (RSM)
6.2.1 Introduction
The reset sequence manager has two reset sourc-
es:
■ Internal LVD reset (Low Voltage Detection)
which includes both a power-on and a voltage
drop reset
■ Internal
watchdog reset generated by an
internal watchdog counter underflow as shown
in Figure 16.
6.2.2 Functional Description
The reset service routine vector is fixed at ad-
dresses FFFEh-FFFFh in the ST7 memory map.
The basic reset sequence consists of 3 phases as
shown in Figure 15:
■ A first delay of 30µs + 127 tCPU cycles during
which the internal reset is maintained.
■ A second delay of 512 tCPU cycles after the
internal reset is generated. It allows the
oscillator to stabilize and ensures that recovery
has taken place from the Reset state.
■ Reset vector fetch (duration: 2 clock cycles)
Low Voltage Detector
The low voltage detector generates a reset when
VDD<VIT+ (rising edge) or VDD<VIT- (falling edge),
as shown in Figure 15.
The LVD filters spikes on VDD larger than tg(VDD) to
avoid parasitic resets. See “SUPPLY AND RESET
CHARACTERISTICS” on page 81.
Note: It is recommended to make sure that the
VDD supply voltage rises monotonously when the
device is exiting from Reset, to ensure the applica-
tion functions properly.
Figure 15. LVD RESET Sequence
DELAY 1
RUN
LVD
RESET
FETCH VECTOR (2 tCPU)
DELAY 2
LVD
RESET
INTERNAL
RESET
DELAY 1 = 30µs + 127 tCPU
DELAY 2 = 512 tCPU
VDD
VIT+
VIT-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com