Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7SCR Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST7SCR
Description  8-BIT LOW-POWER, FULL-SPEED USB MCU WITH 16K FLASH, 768 RAM, SMARTCARD I/F, TIMER
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7SCR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST7SCR_07 Datasheet HTML 4Page - STMicroelectronics ST7SCR_07 Datasheet HTML 5Page - STMicroelectronics ST7SCR_07 Datasheet HTML 6Page - STMicroelectronics ST7SCR_07 Datasheet HTML 7Page - STMicroelectronics ST7SCR_07 Datasheet HTML 8Page - STMicroelectronics ST7SCR_07 Datasheet HTML 9Page - STMicroelectronics ST7SCR_07 Datasheet HTML 10Page - STMicroelectronics ST7SCR_07 Datasheet HTML 11Page - STMicroelectronics ST7SCR_07 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 101 page
background image
ST7SCR
8/101
26
PD3
O
CT
XX
Port D3 1)
27
PD4
O
CT
XX
Port D4 1)
28
PD5
O
CT
XX
Port D5 1)
29
PD6
O
CT
XX
Port D6 1)
30
PD7
O
CT
XX
Port D7 1)
31 11 14 OSCIN
CT
Input/Output Oscillator pins. These pins connect a
4MHz parallel-resonant crystal, or an external source
to the on-chip oscillator.
32 12 15 OSCOUT
CT
33
VDD
S
Power Supply voltage 4V-5.5V
34
GND
S
Ground
35
PC0/WAKUP1
I
CT
XX
PC0 1)
External interrupt
36
PC1/WAKUP1
I
CT
XX
PC1 1)
External interrupt
37
PC2/WAKUP1
I
CT
XX
PC2 1)
External interrupt
38
PC3/WAKUP1
I
CT
XX
PC3 1)
External interrupt
39
PC4/WAKUP1
I
CT
XX
PC4 1)
External interrupt
40
PC5/WAKUP1
I
CT
XX
PC5 1)
External interrupt
41
PC6/WAKUP1
I
CT
XX
PC6 1)
External interrupt
42
PC7/WAKUP1
I
CT
XX
PC7 1)
External interrupt
43
16 VPP
S
Flash programming voltage. Must be held low in nor-
mal operating mode.
13
GND
S
Must be held low in normal operating mode.
44 14 17 PA6
I
CT
PA6
45 15 18 LED0
O
HS
X
Constant Current Output
46 16 19 DM
I/O
CT
USB Data Minus line
47 17 20 DP
I/O
CT
USB Data Plus line
48
NC
Not Connected
49 18 21 USBVCC
O
CT
3.3 V Output for USB
50 19 22 VDDA
S
power Supply voltage 4V-5.5V
51 20 23 VDD
S
power Supply voltage 4V-5.5V
52
LED1
O
HS
X
Constant Current Output
53
LED2
O
HS
X
Constant Current Output
54
LED3
O
HS
X
Constant Current Output
55
NC
Not Connected
56
NC
Not Connected
Pin n°
Pin Name
Level
Port / Control
Main
Function
(after reset)
Alternate Function
Input Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com