Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC39RF10 Datasheet(PDF) 161 Page - Texas Instruments

Part # DAC39RF10
Description  DAC39RFx10-SP DAC39RFx10-SEP 10.4 or 20.8GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204C Interface
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RF10 Datasheet(HTML) 161 Page - Texas Instruments

Back Button DAC39RF10 Datasheet HTML 157Page - Texas Instruments DAC39RF10 Datasheet HTML 158Page - Texas Instruments DAC39RF10 Datasheet HTML 159Page - Texas Instruments DAC39RF10 Datasheet HTML 160Page - Texas Instruments DAC39RF10 Datasheet HTML 161Page - Texas Instruments DAC39RF10 Datasheet HTML 162Page - Texas Instruments DAC39RF10 Datasheet HTML 163Page - Texas Instruments DAC39RF10 Datasheet HTML 164Page - Texas Instruments DAC39RF10 Datasheet HTML 165Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 232 page
background image
Table 8-43. LANE_EQS[15:0] Register Field Descriptions
Bit
Field
Type
Reset
Description
7
RESERVED
R
6
EQOVER[n]
R
EQOVER status for PHY lane n pre/post cursor analysis. See Pre/
Post Cursor Analysis Procedure.
5
EQUNDER[n]
R
EQUNDER status for PHY lane n pre/post cursor analysis. See Pre/
Post Cursor Analysis Procedure..
4
EQLEVEL_S[n]
R
This field returns the equalizer level currently in effect for lane n. This
is the count of the number of bits set in the thermometer encoded
value from the stsrx EQLEVEL_S field for lane n.
8.41 ESRUN Register (Offset = 01F0h) [reset = 00h]
ESRUN is shown in Figure 8-42 and described in Table 8-44.
Return to the Register Summary Table.
Eye-Scan Run Control
Figure 8-42. ESRUN Register
7
6
5
4
3
2
1
0
RESERVED
ESRUN
R/W-00h
R/W-0b
Table 8-44. ESRUN Register Field Descriptions
Bit
Field
Type
Reset
Description
7-1
RESERVED
R/W
00h
0
ESRUN
R/W
0b
After setting up eye-scan, set ESRUN=1 to run the eye-scan test.
See Eye Scan Procedure.
8.42 ES_CTRL Register (Offset = 01F1h) [reset = 00h]
ES_CTRL is shown in Figure 8-43 and described in Table 8-45.
Return to the Register Summary Table. Note: Only change this register while ESRUN=0.
Eye-Scan Control
Figure 8-43. ES_CTRL Register
7
6
5
4
3
2
1
0
RESERVED
ESLEN
ES
R/W-00b
R/W-00b
R/W-0h
Table 8-45. ES_CTRL Register Field Descriptions
Bit
Field
Type
Reset
Description
7-6
ES_CTRL
R/W
00b
www.ti.com
DAC39RF10-SP, DAC39RF10-SEP
DAC39RFS10-SP, DAC39RFS10-SEP
SBAS932A – MARCH 2024 – REVISED FEBRUARY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
161
Product Folder Links: DAC39RF10-SP DAC39RF10-SEP DAC39RFS10-SP DAC39RFS10-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com