Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC39RF10 Datasheet(PDF) 165 Page - Texas Instruments

Part # DAC39RF10
Description  DAC39RFx10-SP DAC39RFx10-SEP 10.4 or 20.8GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204C Interface
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RF10 Datasheet(HTML) 165 Page - Texas Instruments

Back Button DAC39RF10 Datasheet HTML 161Page - Texas Instruments DAC39RF10 Datasheet HTML 162Page - Texas Instruments DAC39RF10 Datasheet HTML 163Page - Texas Instruments DAC39RF10 Datasheet HTML 164Page - Texas Instruments DAC39RF10 Datasheet HTML 165Page - Texas Instruments DAC39RF10 Datasheet HTML 166Page - Texas Instruments DAC39RF10 Datasheet HTML 167Page - Texas Instruments DAC39RF10 Datasheet HTML 168Page - Texas Instruments DAC39RF10 Datasheet HTML 169Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 232 page
background image
8.49 ESCOUNT[15:0] Register (Offset = 0210h) [reset = NA, read-only]
ESCOUNT[15:0] is shown in Figure 8-50 and described in Table 8-52.
Return to the Register Summary Table.
Eye-Scan Voltage Offset for SerDes lane n, n = 0 - 15. ESCOUNT[0] is at the lowest address.
Figure 8-50. ESCOUNT[15:0] Register
7
6
5
4
3
2
1
0
ESCOUNT[15:8][n]
R
ESCOUNT[7:0][n]
R
Table 8-52. ESCOUNT[15:0] Register Field Descriptions
Bit
Field
Type
Reset
Description
15-0
ESCOUNT[n]
R
NA
Returns the mismatch count for physical lane n (applies to eye-scan
modes that count mismatches). Only valid when ESDONE[n] returns
1.
8.50 LOS_TH Register (Offset = 0234h) [reset = 08h]
LOS_TH is shown in Figure 8-51 and described in Table 8-53.
Return to the Register Summary Table.
SerDes Loss-of-signal Theshold
Figure 8-51. LOS_TH Register
7
6
5
4
3
2
1
0
RESERVED
LOS_TH
R/W-0h
R/W-0h
Table 8-53. LOS_TH Register Field Descriptions
Bit
Field
Type
Reset
Description
7-4
RESERVED
R/W
0h
3-0
LOS_TH
R/W
0h
Specifies the threshold for the loss-of-signal detector. Applies when
LOS_EN=1. Affects all lanes.
LOS_TH : Approximate Threshold (mV)
0, 1 : RESERVED
2 - 15 : 15*(LOS_TH)
8.51 EQCNTSZ Register (Offset = 0235h) [reset = 00h]
EQCNTSZ is shown in Figure 8-52 and described in Table 8-54.
Return to the Register Summary Table.
SerDes Equalizer Counter Size
Figure 8-52. EQCNTSZ Register
7
6
5
4
3
2
1
0
R/W-0h
R/W-0h
www.ti.com
DAC39RF10-SP, DAC39RF10-SEP
DAC39RFS10-SP, DAC39RFS10-SEP
SBAS932A – MARCH 2024 – REVISED FEBRUARY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
165
Product Folder Links: DAC39RF10-SP DAC39RF10-SEP DAC39RFS10-SP DAC39RFS10-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com