Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC39RF10 Datasheet(PDF) 167 Page - Texas Instruments

Part # DAC39RF10
Description  DAC39RFx10-SP DAC39RFx10-SEP 10.4 or 20.8GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204C Interface
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RF10 Datasheet(HTML) 167 Page - Texas Instruments

Back Button DAC39RF10 Datasheet HTML 163Page - Texas Instruments DAC39RF10 Datasheet HTML 164Page - Texas Instruments DAC39RF10 Datasheet HTML 165Page - Texas Instruments DAC39RF10 Datasheet HTML 166Page - Texas Instruments DAC39RF10 Datasheet HTML 167Page - Texas Instruments DAC39RF10 Datasheet HTML 168Page - Texas Instruments DAC39RF10 Datasheet HTML 169Page - Texas Instruments DAC39RF10 Datasheet HTML 170Page - Texas Instruments DAC39RF10 Datasheet HTML 171Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 232 page
background image
Table 8-56. CDRPHASE Register Field Descriptions
Bit
Field
Type
Reset
Description
7-0
CDRPHASE
R
Returns the current CDR phase value for the lane specified by
RXDLANE. It is recommended to set CDRLOCK=1 before reading
this register. The format is gray-coded. Refer to CDRPHASE Status
for the coding.
8.54 PLL_STATUS Register (Offset = 0250h) [reset = NA, read only]
PLL_STATUS is shown in Figure 8-7 and described in Table 8-8.
Return to the Register Summary Table.
SerDes PLL Status
Figure 8-55. PLL_STATUS Register
7
6
5
4
3
2
1
0
PLL_LOCK_STS
PLL_LOCK_LOST
R-0h
R/W1C-0h
Table 8-57. PLL_STATUS Register Field Descriptions
Bit
Field
Type
Reset
Description
7-4
PLL_LOCK_STS
R
0h
This field returns the LOCK signal from all four SerDes macros (3:0).
This field can be used for functional (fault) testing of the PLL lock
detectors.
3-0
PLL_LOCK_LOST
R/W1C
0h
PLL_LOCK_LOST[n] is set whenever the LOCK signal from a
SerDes PLL is low.
bit 0: lanes 0 - 3
bit 1: lanes 4 - 7
bit 2: lanes 8 - 11
bit 3: lanes 12 - 15
This bit is sticky (remains set even if the PLL acquires lock). Write 1
to clear a bit. These bits are for debug purposes and allow the SPI to
monitor if any SerDes PLL loses lock even briefly.
8.55 JESD_RST Register (Offset = 0253h) [reset = 0x00]
JESD_RST is shown in Figure 8-56 and described in Table 8-58.
Return to the Register Summary Table.
JESD Reset
Figure 8-56. JESD_RST Register
7
6
5
4
3
2
1
RESERVED
JESD_RST
R/W-00h
R/W-0h
Table 8-58. JESD_RST Register Field Descriptions
Bit
Field
Type
Reset
Description
7-1
RESERVED
R/W
00h
RESERVED
www.ti.com
DAC39RF10-SP, DAC39RF10-SEP
DAC39RFS10-SP, DAC39RFS10-SEP
SBAS932A – MARCH 2024 – REVISED FEBRUARY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
167
Product Folder Links: DAC39RF10-SP DAC39RF10-SEP DAC39RFS10-SP DAC39RFS10-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com