Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC39RF10 Datasheet(PDF) 171 Page - Texas Instruments

Part # DAC39RF10
Description  DAC39RFx10-SP DAC39RFx10-SEP 10.4 or 20.8GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204C Interface
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RF10 Datasheet(HTML) 171 Page - Texas Instruments

Back Button DAC39RF10 Datasheet HTML 167Page - Texas Instruments DAC39RF10 Datasheet HTML 168Page - Texas Instruments DAC39RF10 Datasheet HTML 169Page - Texas Instruments DAC39RF10 Datasheet HTML 170Page - Texas Instruments DAC39RF10 Datasheet HTML 171Page - Texas Instruments DAC39RF10 Datasheet HTML 172Page - Texas Instruments DAC39RF10 Datasheet HTML 173Page - Texas Instruments DAC39RF10 Datasheet HTML 174Page - Texas Instruments DAC39RF10 Datasheet HTML 175Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 232 page
background image
Figure 8-63. DUC_FORMAT Register
7
6
5
4
3
2
1
0
RESERVED
DUC_FORMAT
R/W-00h
R/W-0b
Table 8-65. DUC_FORMAT Register Field Descriptions
Bit
Field
Type
Reset
Description
7-1
RESERVED
R/W
00h
0
DUC_FORMAT
R/W
0b
0: DUC outputs are real (DUC mixer converts complex to real by
discarding the imaginary part). Up to 4 DUCs can be enabled.
1: DUC outputs are complex. Up to 2 DUCs can be enabled (DUC0
and DUC1).
Note: This register should only be changed when DP_EN=0.
8.62 DAC_SRC Register (Offset = 02E4h) [reset = 00h]
DAC_SRC is shown in Figure 8-64 and described in Table 8-66.
Return to the Register Summary Table.
DAC Source
Figure 8-64. DAC_SRC Register
7
6
5
4
3
2
1
0
DAC_SRC1
DAC_SRC0
R/W-0h
R/W-0h
Table 8-66. DAC_SRC Register Field Descriptions
Bit
Field
Type
Reset
Description
7-4
DAC_SRC1
R/W
0h
When the DUCs are disabled (LT<=1), DAC_SRCn selects which
input stream is sent to DACn. When the DUCs are enabled (LT>=2),
DAC_SRCn controls which DUC outputs are routed (summed) to
DACn (and the meaning of the bits depends on DUC_FORMAT).
Signals Routed to DACn when DAC_SRCn[m] is set:
LT=0.5 or 1 (DUCs disabled)
DAC_SRCn[0]: Input Stream 0 (I)
DAC_SRCn[1]: Input Stream 1 (Q)
DAC_SRCn[2]: n/a
DAC_SRCn[3]: n/a
LT is 2 or higher (DUCs enabled) Register Bit
DAC_SRCn[x] : DUC_FORMAT=0 (real) : DUC_FORMAT=1
(complex)
DAC_SRCn[0] : DUC0 (real) : DUC0 (real)
DAC_SRCn[1] : DUC1 (real) : DUC1 (real)
DAC_SRCn[2] : DUC2 (real) : DUC0 (imag)
DAC_SRCn[3] : DUC3 (real) : DUC1 (imag)
If more than one signal is routed to the same DAC, the signals are
summed together. Use DUC_GAIN to avoid saturation in this case.
While it is possible to sum a real output with an imaginary output,
no practical application requires that, so it is not tested or supported.
When LT=0.5 or 1, no summing is supported. Only DAC_SRCn[0] or
DAC_SRCn[1] should be set
Note: This register should only be changed when DP_EN=0.
3-0
DAC_SRC0
R/W
0b
www.ti.com
DAC39RF10-SP, DAC39RF10-SEP
DAC39RFS10-SP, DAC39RFS10-SEP
SBAS932A – MARCH 2024 – REVISED FEBRUARY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
171
Product Folder Links: DAC39RF10-SP DAC39RF10-SEP DAC39RFS10-SP DAC39RFS10-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com