Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC39RF10 Datasheet(PDF) 175 Page - Texas Instruments

Part # DAC39RF10
Description  DAC39RFx10-SP DAC39RFx10-SEP 10.4 or 20.8GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204C Interface
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RF10 Datasheet(HTML) 175 Page - Texas Instruments

Back Button DAC39RF10 Datasheet HTML 171Page - Texas Instruments DAC39RF10 Datasheet HTML 172Page - Texas Instruments DAC39RF10 Datasheet HTML 173Page - Texas Instruments DAC39RF10 Datasheet HTML 174Page - Texas Instruments DAC39RF10 Datasheet HTML 175Page - Texas Instruments DAC39RF10 Datasheet HTML 176Page - Texas Instruments DAC39RF10 Datasheet HTML 177Page - Texas Instruments DAC39RF10 Datasheet HTML 178Page - Texas Instruments DAC39RF10 Datasheet HTML 179Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 232 page
background image
Table 8-71. NCO_CTRL Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
2
NCO_SC
R/W
0b
Self-Coherent NCO Mode: When this bit is set, all NCOs use the
reference counter from the NCO in DDS/DUC channel 0. This is
typically used along with the NCO_SS register. This only impacts
phase-coherent mode (NCO_CONT=0).
1
DDS_EN
R/W
0b
When set, all DUCs are configured for DDS operation once DP_EN
is set. See DDS Operation in Section 7.4.1 for details.
0
NCO_EN
R/W
0b
When set, DUC samples are mixed with the NCO.
8.68 NCO_CONT Register (Offset = 0301h) [reset = 00h]
NCO_CONT is shown in Figure 8-70 and described in Table 8-72.
Return to the Register Summary Table.
NCO Phase Continuous Mode
Figure 8-70. NCO_CONT Register
7
6
5
4
3
2
1
0
RESERVED
NCO_CONT
R/W-0h
R/W-0h
Table 8-72. NCO_CONT Register Field Descriptions
Bit
Field
Type
Reset
Description
7-4
RESERVED
R/W
0h
3-0
NCO_CONT
R/W
0h
For each bit NCO_CONT[n], if set, NCOn operates in phase-
continuous mode. This means that frequency changes occur without
seeding the phase accumulator. If the bit is clear, NCOn operates
in phase-coherent mode. During frequency changes, the phase
accumulator is seeded from a main counter. This means that if
changing from frequency A to B and then back to A, the phase
returns to what it would have been if the change never occurred.
Note: This register should only be changed when DP_EN=0.
8.69 NCO_SYNC Register (Offset = 0302h) [reset = 00h]
NCO_SYNC is shown in Figure 8-71 and described in Table 8-73.
Return to the Register Summary Table.
NCO Synchronization Configuration
Figure 8-71. NCO_SYNC Register
7
6
5
4
3
2
1
0
RESERVED
NCO_SYNC_SRC
R/W-00h
R/W-00b
Table 8-73. NCO_SYNC Register Field Descriptions
Bit
Field
Type
Reset
Description
7-2
RESERVED
R/W
00h
www.ti.com
DAC39RF10-SP, DAC39RF10-SEP
DAC39RFS10-SP, DAC39RFS10-SEP
SBAS932A – MARCH 2024 – REVISED FEBRUARY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
175
Product Folder Links: DAC39RF10-SP DAC39RF10-SEP DAC39RFS10-SP DAC39RFS10-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com