Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC39RF10 Datasheet(PDF) 174 Page - Texas Instruments

Part # DAC39RF10
Description  DAC39RFx10-SP DAC39RFx10-SEP 10.4 or 20.8GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204C Interface
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RF10 Datasheet(HTML) 174 Page - Texas Instruments

Back Button DAC39RF10 Datasheet HTML 170Page - Texas Instruments DAC39RF10 Datasheet HTML 171Page - Texas Instruments DAC39RF10 Datasheet HTML 172Page - Texas Instruments DAC39RF10 Datasheet HTML 173Page - Texas Instruments DAC39RF10 Datasheet HTML 174Page - Texas Instruments DAC39RF10 Datasheet HTML 175Page - Texas Instruments DAC39RF10 Datasheet HTML 176Page - Texas Instruments DAC39RF10 Datasheet HTML 177Page - Texas Instruments DAC39RF10 Datasheet HTML 178Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 232 page
background image
Table 8-69. TX_EN_SEL Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
0
USE_TX_EN0
R/W
1b
0: DACA is controlled by the TXEN0 ball. In this mode, TX_EN0
register is ignored.
1: DACA is controlled by the TX_EN0 register. In this mode the
TXEN0 ball input does not affect the transmit enable for DACA.
Note: USE_TX_EN1 and USE_TX_EN0 should be programmed to
the same value (individual channel control is not supported).
8.66 TX_EN Register (Offset = 02F9h) [reset = 03h]
TX_EN is shown in Figure 8-68 and described in Table 8-70.
Return to the Register Summary Table.
Transmitter Enable Control
Figure 8-68. TX_EN Register
7
6
5
4
3
2
1
0
TX_EN1
TX_EN0
R/W-00h
R/W-1b
R/W-1b
Table 8-70. TX_EN Register Field Descriptions
Bit
Field
Type
Reset
Description
7-2
RESERVED
R/W
00h
1
TX_EN1
R/W
1b
When USE_TX_EN1 = 1, this bit controls the transmit enable for
DACB.
Note: TX_EN1 and TX_EN0 should be programmed to the same
value (individual channel control is not supported).
0
TX_EN0
R/W
1b
When USE_TX_EN0 = 1, this bit controls the transmit enable for
DACA
Note: TX_EN1 and TX_EN0 should be programmed to the same
value (individual channel control is not supported).
8.67 NCO_CTRL Register (Offset = 0300h) [reset = 00h]
NCO_CTRL is shown in Figure 8-69 and described in Table 8-71.
Return to the Register Summary Table. Note: This register should only be changed when DP_EN=0.
NCO Enable
Figure 8-69. NCO_CTRL Register
7
6
5
4
3
2
1
0
FR_EN
RESERVED
NCO_SC
DDS_EN
NCO_EN
R/W-0b
R/W-0h
R/W-0b
R/W-0b
R/W-0b
Table 8-71. NCO_CTRL Register Field Descriptions
Bit
Field
Type
Reset
Description
7
FR_EN
R/W
0b
When set, the Fast Reconfiguration (FR) interface is enabled and
NCO frequency, phase, dither, and accumulator reset is controlled by
the FR registers rather than the SPI registers.
6-3
RESERVED
R/W
0h
DAC39RF10-SP, DAC39RF10-SEP
DAC39RFS10-SP, DAC39RFS10-SEP
SBAS932A – MARCH 2024 – REVISED FEBRUARY 2026
www.ti.com
174
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: DAC39RF10-SP DAC39RF10-SEP DAC39RFS10-SP DAC39RFS10-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com