Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC39RF10 Datasheet(PDF) 173 Page - Texas Instruments

Part # DAC39RF10
Description  DAC39RFx10-SP DAC39RFx10-SEP 10.4 or 20.8GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204C Interface
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RF10 Datasheet(HTML) 173 Page - Texas Instruments

Back Button DAC39RF10 Datasheet HTML 169Page - Texas Instruments DAC39RF10 Datasheet HTML 170Page - Texas Instruments DAC39RF10 Datasheet HTML 171Page - Texas Instruments DAC39RF10 Datasheet HTML 172Page - Texas Instruments DAC39RF10 Datasheet HTML 173Page - Texas Instruments DAC39RF10 Datasheet HTML 174Page - Texas Instruments DAC39RF10 Datasheet HTML 175Page - Texas Instruments DAC39RF10 Datasheet HTML 176Page - Texas Instruments DAC39RF10 Datasheet HTML 177Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 232 page
background image
Figure 8-66. TRUNC_HLSB Register (continued)
RESERVED
TRUNC_HLSB
R/W-00h
R/W-0b
Table 8-68. TRUNC_HLSB Register Field Descriptions
Bit
Field
Type
Reset
Description
7-1
R/W
0h
0
TRUNC_HLSB
R/W
0b
adds ½ LSB offset for < 16-bit resolution modes or devices. For a
mode or device with < 16-bit output resolution, setting this bit adds a
1/2 LSB offset to reduce the average offset introduced by truncation.
Note: This register should only be changed when DP_EN=0
8.65 TX_EN_SEL Register (Offset = 02F8h) [reset = 03h]
TX_EN_SEL is shown in Figure 8-67 and described in Table 8-69.
Return to the Register Summary Table.
Transmitter Enable Control Selection.
Figure 8-67. TX_EN_SEL Register
7
6
5
4
3
2
1
0
RESERVED
QUIET_TX_DIS
ABLE
FAST_TX_EN
USE_TX_EN1
USE_TX_EN0
R/W-0h
R/W-0b
R/W-0b
R/W-1b
R/W-1b
Table 8-69. TX_EN_SEL Register Field Descriptions
Bit
Field
Type
Reset
Description
7-4
RESERVED
R/W
0h
3
QUIET_TX_DISABLE
R/W
0b
0: Transmission is disabled after DEM and dither by sending a
static aging safe code. For some configurations and frequencies, the
outputs will have higher noise than a static mid-scale code would
normally have. However, this mode has the lowest latency from
transmit enable to DAC output.
1: When transmission is disabled, the input to DEM and dither is
muted to minimize the output noise. This increases the latency from
transmit enable to DAC output by 56 DAC clocks
Note: This bit may only be set when FAST_TX_EN=1.
2
FAST_TX_EN
R/W
0b
0: When the transmit enables are both low, JESD and datapath
clocks are shutdown to save power. When transmission is re-
enabled the outputs remain muted until valid data is available at the
output.
1: No power saving is performed and transmit enables can be
used independently. Latency from transmit enable to DAC outputs
is reduced in this mode.
1
USE_TX_EN1
R/W
1b
0: DACB is controlled by the TXEN1 ball. In this mode, TX_EN1
register is ignored.
1: DACB is controlled by the TX_EN1 register. In this mode the
TXEN1 ball input does not affect the transmit enable for DACB.
Note: USE_TX_EN1 and USE_TX_EN0 should be programmed to
the same value (individual channel control is not supported).
www.ti.com
DAC39RF10-SP, DAC39RF10-SEP
DAC39RFS10-SP, DAC39RFS10-SEP
SBAS932A – MARCH 2024 – REVISED FEBRUARY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
173
Product Folder Links: DAC39RF10-SP DAC39RF10-SEP DAC39RFS10-SP DAC39RFS10-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com