Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC39RF10 Datasheet(PDF) 176 Page - Texas Instruments

Part # DAC39RF10
Description  DAC39RFx10-SP DAC39RFx10-SEP 10.4 or 20.8GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204C Interface
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RF10 Datasheet(HTML) 176 Page - Texas Instruments

Back Button DAC39RF10 Datasheet HTML 172Page - Texas Instruments DAC39RF10 Datasheet HTML 173Page - Texas Instruments DAC39RF10 Datasheet HTML 174Page - Texas Instruments DAC39RF10 Datasheet HTML 175Page - Texas Instruments DAC39RF10 Datasheet HTML 176Page - Texas Instruments DAC39RF10 Datasheet HTML 177Page - Texas Instruments DAC39RF10 Datasheet HTML 178Page - Texas Instruments DAC39RF10 Datasheet HTML 179Page - Texas Instruments DAC39RF10 Datasheet HTML 180Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 232 page
background image
Table 8-73. NCO_SYNC Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
1-0
NCO_SYNC_SRC
R/W
00b
If FR_EN=0:
This register determines how NCO synchronization events will
be triggered. This includes both accumulator resets specified by
NCO_AR and the application of changes to NCO_DITH_EN, FREQ,
and PHASE.
0: Setting SPI_SYNC will immediately perform specified events. (All
will occur in the same clock cycle.)
1: Setting SPI_SYNC will cause the specified events to occur on the
next SYSREF rising edge.
2: While SPI_SYNC is high, the specified events will occur on every
SYSREF rising edge.
3: While SPI_SYNC is high, the LSb of the “I” input to DUC0 will
cause the specified events. To trigger the event, the LSb must be low
for 4 or more consecutive samples and then high for 4 consecutive
samples. The sync will occur coincident with the 4th high sample
arriving at the DUC0 input.
If FR_EN=1:
This register determines how NCO synchronization events will
be triggered. This includes both accumulator resets specified by
FR_NCO_AR and the application of changes to FR_NCO_DITH_EN,
FR_FREQL, FR_FREQS, and FR_PHASE.
0: If FRS is set, the specified events is performed at the rising edge
of FRCS. (All will occur in the same clock cycle.)
1: Reserved
2: RESERVED
3: If FRS is set, the LSb of the “I” input to DUC0 will cause the
specified events following the rising edge of FRCS. To trigger the
event, the LSb must be low for 4 or more consecutive samples and
then high for 4 consecutive samples. The sync will occur coincident
with the 4th high sample arriving at the DUC0 input. While waiting
for the LSb trigger, zero will be used for the LSb data. The LSb will
immediately return to being used as data after the 4th consecutive
high sample.
Note: This register should only be changed when SPI_SYNC=0 and
the FR interface is idle (FRCS=1).
8.70 NCO_AR Register (Offset = 0303h) [reset = 0Fh]
NCO_AR is shown in Figure 8-72 and described in Table 8-74.
Return to the Register Summary Table.
NCO Accumulator Reset
Figure 8-72. NCO_AR Register
7
6
5
4
3
2
1
0
RESERVED
NCO_AR
R/W-0h
R/W-0h
Table 8-74. NCO_AR Register Field Descriptions
Bit
Field
Type
Reset
Description
7-4
RESERVED
R/W
0h
DAC39RF10-SP, DAC39RF10-SEP
DAC39RFS10-SP, DAC39RFS10-SEP
SBAS932A – MARCH 2024 – REVISED FEBRUARY 2026
www.ti.com
176
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: DAC39RF10-SP DAC39RF10-SEP DAC39RFS10-SP DAC39RFS10-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com