Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC39RF10 Datasheet(PDF) 172 Page - Texas Instruments

Part # DAC39RF10
Description  DAC39RFx10-SP DAC39RFx10-SEP 10.4 or 20.8GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204C Interface
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RF10 Datasheet(HTML) 172 Page - Texas Instruments

Back Button DAC39RF10 Datasheet HTML 168Page - Texas Instruments DAC39RF10 Datasheet HTML 169Page - Texas Instruments DAC39RF10 Datasheet HTML 170Page - Texas Instruments DAC39RF10 Datasheet HTML 171Page - Texas Instruments DAC39RF10 Datasheet HTML 172Page - Texas Instruments DAC39RF10 Datasheet HTML 173Page - Texas Instruments DAC39RF10 Datasheet HTML 174Page - Texas Instruments DAC39RF10 Datasheet HTML 175Page - Texas Instruments DAC39RF10 Datasheet HTML 176Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 232 page
background image
8.63 MXMODE Register (Offset = 02E8h) [reset = 00h]
MXMODE is shown in Figure 8-65 and described in Table 8-67.
Return to the Register Summary Table.
DAC Output Mode. Note: This register should only be changed when DP_EN=0.
Figure 8-65. MXMODE Register
7
6
5
4
3
2
1
0
RESERVED
MXMODE1
RESERVED
MXMODE0
R/W-0b
R/W-000b
R/W-0b
R/W-000b
Table 8-67. MXMODE Register Field Descriptions
Bit
Field
Type
Reset
Description
7
RESERVED
R/W
0b
6-4
MXMODE1
R/W
000b
Specify the DAC pulse format for DACB.
0: Normal mode (non-return-to-zero or NRZ) (sinc nulls at n*FS)
1: RF Mode (return to inverse or RTI) (sinc nulls at DC and 2n*FS)
2: Return-to-Zero (RTZ) (sinc nulls at 2n*FS)
3: DES2X – Samples provided by the DES interpolator (low-pass
mode)
4: DES2XH – Samples provided by the DES interpolator (high-pass
mode)
5: DES1X – Both samples are provided by the input stream
6: Disabled – DACA is disabled
7: RESERVED
Note: If either MXMODE1 or MXMODE0 is set to DES1X, the other
must be set to either DES1X or Disabled. User must also set
DUC_L=0.
3
RESERVED
R/W
0b
2-0
MXMODE0
R/W
0b
Specify the DAC pulse format for DACA.
0: Normal mode (non-return-to-zero or NRZ) (sinc nulls at n*FS)
1: RF Mode (return to inverse or RTI) (sinc nulls at DC and 2n*FS)
2: Return-to-Zero (RTZ) (sinc nulls at 2n*FS)
3: DES2X – Samples provided by the DES interpolator (low-pass
mode)
4: DES2XH – Samples provided by the DES interpolator (high-pass
mode)
5: DES1X – Both samples are provided by the input stream
6: Disabled – DACA is disabled
7: RESERVED
Note: If either MXMODE1 or MXMODE0 is set to DES1X, the other
must be set to either DES1X or Disabled. User must also set
DUC_L=0.
8.64 TRUNC_HLSB Register (Offset = 02EAh) [reset = 00h]
TRUNC_HLSB is shown in Figure 8-66 and described in Table 8-68.
Return to the Register Summary Table.
Truncation Half LSB Offset
Figure 8-66. TRUNC_HLSB Register
7
6
5
4
3
2
1
0
DAC39RF10-SP, DAC39RF10-SEP
DAC39RFS10-SP, DAC39RFS10-SEP
SBAS932A – MARCH 2024 – REVISED FEBRUARY 2026
www.ti.com
172
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: DAC39RF10-SP DAC39RF10-SEP DAC39RFS10-SP DAC39RFS10-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com