Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC39RF10 Datasheet(PDF) 164 Page - Texas Instruments

Part # DAC39RF10
Description  DAC39RFx10-SP DAC39RFx10-SEP 10.4 or 20.8GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204C Interface
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RF10 Datasheet(HTML) 164 Page - Texas Instruments

Back Button DAC39RF10 Datasheet HTML 160Page - Texas Instruments DAC39RF10 Datasheet HTML 161Page - Texas Instruments DAC39RF10 Datasheet HTML 162Page - Texas Instruments DAC39RF10 Datasheet HTML 163Page - Texas Instruments DAC39RF10 Datasheet HTML 164Page - Texas Instruments DAC39RF10 Datasheet HTML 165Page - Texas Instruments DAC39RF10 Datasheet HTML 166Page - Texas Instruments DAC39RF10 Datasheet HTML 167Page - Texas Instruments DAC39RF10 Datasheet HTML 168Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 232 page
background image
Figure 8-47. ECOUNT_CLR Register
7
6
5
4
3
2
1
0
RESERVED
ECOUNT_CLR
R/W-00h
R/W-0b
Table 8-49. ECOUNT_CLR Register Field Descriptions
Bit
Field
Type
Reset
Description
7-1
RESERVED
R/W
00h
0
ECOUNT_CLR
R/W
0b
Program this to a 1 and then to 0 to clear the ECOUNT counters
8.47 ESDONE Register (Offset = 01F6h) [reset = NA, read-only]
ESDONE is shown in Figure 8-48 and described in Table 8-50.
Return to the Register Summary Table.
Eye-Scan Process Done
Figure 8-48. ESDONE Register
7
6
5
4
3
2
1
0
ESDONE[15:8]
R
ESDONE[7:0]
R
Table 8-50. ESDONE Register Field Descriptions
Bit
Field
Type
Reset
Description
15-0
ESDONE[15:0]
R
NA
ESDONE[n] returns a 1 to indicate that the eye-scan procedure is
completed on physical lane n. You must make sure that ESDONE[n]
returns 1 before reading ESVO_S[n] or ECOUNT[n].
8.48 ESVO_S[15:0] Register (Offset = 0200h) [reset = NA, read-only]
ESVO_S[15:0] is shown in Figure 8-49 and described in Table 8-51.
Return to the Register Summary Table.
Eye-Scan Voltage Offset for SerDes lane n, n = 0 - 15. ESVO_S[0] is at the lowest address.
Figure 8-49. ESVO_S[15:0] Register
7
6
5
4
3
2
1
0
RESERVED
ESVO_S[n]
R
R
Table 8-51. ESVO_S[15:0] Register Field Descriptions
Bit
Field
Type
Reset
Description
7-6
RESERVED
R
NA
5-0
ESVO_S[n]
R
NA
Returns the voltage offset result from the eye-scan on physical
lane n. Applies to eye-scan modes that compute the voltage offset
automatically. Only valid when ESDONE[n] returns 1.
DAC39RF10-SP, DAC39RF10-SEP
DAC39RFS10-SP, DAC39RFS10-SEP
SBAS932A – MARCH 2024 – REVISED FEBRUARY 2026
www.ti.com
164
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: DAC39RF10-SP DAC39RF10-SEP DAC39RFS10-SP DAC39RFS10-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com