Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC39RF10 Datasheet(PDF) 162 Page - Texas Instruments

Part # DAC39RF10
Description  DAC39RFx10-SP DAC39RFx10-SEP 10.4 or 20.8GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204C Interface
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RF10 Datasheet(HTML) 162 Page - Texas Instruments

Back Button DAC39RF10 Datasheet HTML 158Page - Texas Instruments DAC39RF10 Datasheet HTML 159Page - Texas Instruments DAC39RF10 Datasheet HTML 160Page - Texas Instruments DAC39RF10 Datasheet HTML 161Page - Texas Instruments DAC39RF10 Datasheet HTML 162Page - Texas Instruments DAC39RF10 Datasheet HTML 163Page - Texas Instruments DAC39RF10 Datasheet HTML 164Page - Texas Instruments DAC39RF10 Datasheet HTML 165Page - Texas Instruments DAC39RF10 Datasheet HTML 166Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 232 page
background image
Table 8-45. ES_CTRL Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
5-4
ESLEN
R/W
00b
Specify the length of the eye-scan test. Larger values will give more
consistent results, but will take longer.
ESLEN : Number of Samples Analyzed
0 : 127
1 : 1032
2 : 8191
3 : 65535
Note: Many eye-scan modes only analyze zeros (or ones). Since
they don’t analyze every sample, those modes will take longer to
complete compared to a mode that analyzes all samples.
3-0
ES
R/W
0h
Specify the eye-scan mode. Applies to all lanes.
ES : Eye-Scan Mode
0 : Eye-scan disabled (default)
1 : Compare. Counts mismatches between the normal sampler and
the eye-scan sampler. Analyzes zeros and ones.
2 : Compare zeros. Same as ES=1, but only analyzes zeros.
3 : Compare ones. Same as ES=1, but only analyzes ones.
4 : Count ones. Increments ECOUNTn when the eye-scan sample is
1.
5-7 : RESERVED
8 : Average zero. Adjusts ESVO_Sn to the average voltage for a
zero.
9 : Outer zero. Adjusts ESVO_Sn to the lowest voltage for a zero.
10 : Inner zero. Adjusts ESVO_Sn to the highest voltage for a zero.
11 : RESERVED
12 : Average one. Adjusts ESVO_Sn to the average voltage for a
one.
13 : Outer one. Adjusts ESVO_Sn to the highest voltage for a one.
14 : Inner one. Adjusts ESVO_Sn to the lowest voltage for a one.
15 : RESERVED
8.43 ESPO Register (Offset = 01F2h) [reset = 00h]
ESPO is shown in Figure 8-44 and described in Table 8-46.
Return to the Register Summary Table.
Eye-Scan Phase Offset
Figure 8-44. ESPO Register
7
6
5
4
3
2
1
0
RESERVED
ESPO
R/W-0b
R/W-00h
Table 8-46. ESPO Register Field Descriptions
Bit
Field
Type
Reset
Description
7
RESERVED
R/W
0h
6-0
ESPO
R/W
0b
Eye-scan phase offset for all lanes. This adjusts the sampling instant
of the eye-scan sampler compared to the normal sampler. This is a
signed value from -64 to +63 and the step size is 1/32th of a UI.
Note: Only change this register while ESRUN=0.
DAC39RF10-SP, DAC39RF10-SEP
DAC39RFS10-SP, DAC39RFS10-SEP
SBAS932A – MARCH 2024 – REVISED FEBRUARY 2026
www.ti.com
162
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: DAC39RF10-SP DAC39RF10-SEP DAC39RFS10-SP DAC39RFS10-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com