Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC39RF10 Datasheet(PDF) 201 Page - Texas Instruments

Part # DAC39RF10
Description  DAC39RFx10-SP DAC39RFx10-SEP 10.4 or 20.8GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204C Interface
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RF10 Datasheet(HTML) 201 Page - Texas Instruments

Back Button DAC39RF10 Datasheet HTML 197Page - Texas Instruments DAC39RF10 Datasheet HTML 198Page - Texas Instruments DAC39RF10 Datasheet HTML 199Page - Texas Instruments DAC39RF10 Datasheet HTML 200Page - Texas Instruments DAC39RF10 Datasheet HTML 201Page - Texas Instruments DAC39RF10 Datasheet HTML 202Page - Texas Instruments DAC39RF10 Datasheet HTML 203Page - Texas Instruments DAC39RF10 Datasheet HTML 204Page - Texas Instruments DAC39RF10 Datasheet HTML 205Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 232 page
background image
b. FIFOs should have a means to detect and recover automatically from upsets that might cause overflow/
underflow conditions.
5. the user may program JTT to get an additional level of protection from functional interrupts.
9.1.7.3 NCO Reliability
The NCO does not include radiation immune flip-flops; however, there are two general strategies described in
the following sections that can be employed to make sure the NCO recovers from upset events.
9.1.7.3.1 NCO Frequency and Phase Correction (Strategy #1)
This strategy uses a periodic reference signal to correct any upsets in the NCO accumulator. This strategy is
appropriate for phased-array systems or other systems where the NCO phase must remain coherent with other
system components.
1. Program NCO_AR=1 to configure the accumulator to be reset on every synchronization event.
2. Configure the NCO to use SYSREF as the synchronization source (NCO_SYNC_SRC=2). Program
SPI_SYNC=1.
3. Make sure the SYSREF generator is configured for continuous/periodic output.
4. Since the accumulator is reset periodically, the user must make sure that the programmed NCO frequency is
an integer multiple of the SYSREF frequency. Consider the frequency raster that the system requires when
choosing the SYSREF frequency.
5. If the user cannot choose a SYSREF frequency that satisfies the frequency raster and is also a sub-
harmonic of the multiframe/EMB frequency, then use the LSB of the JESD204C data stream to periodically
synchronize the NCO. Use NCO_SYNC_SRC=3, and provide a periodic reference signal on the LSB of the I
samples for DUC0.
6. If any NCO accumulator or internal frequency register is upset, it is restored on the next synchronization
event.
9.1.7.3.2 NCO Frequency Correction (Strategy No. 2)
This strategy also uses a periodic synchronization signal, but the NCO accumulator is not reset. Only the internal
frequency registers inside each NCO are corrected by the synchronization signal. This makes sure the NCO
returns to the proper frequency after an upset occurs, but the phase of the NCO is not corrected. This strategy is
appropriate for non-phased-array systems where an occasional, arbitrary phase jump can be tolerated.
1. Program NCO_AR=0 to configure the accumulator to NOT be reset by a synchronization event.
2. Configure the NCO to use SYSREF as the synchronization source (NCO_SYNC_SRC=2). Program
SPI_SYNC=1.
3. Make sure the SYSREF generator is configured for continuous/periodic output.
4. Since the accumulator is not reset periodically, the user has the freedom to program any NCO frequency
regardless of the SYSREF frequency. The period of SYSREF must still be a multiple of the multiframe/EMB
period.
5. While the NCO is operating, any upset to the internal frequency register is corrected on the next SYSREF
pulse (the frequency word is re-copied from the SEU-immune FREQ register). The NCO operates for a brief
time at an improper frequency before returning to the correct frequency, but with arbitrary phase.
9.2 Typical Application
9.2.1 S-Band Radar Transmitter
9.2.2 Design Requirements
S-band covers a frequency range of 2GHz to 4GHz. For this example, use a radar with signal bandwidth of
200MHz and a center frequency of 3.2GHz.
Doppler radars use the frequency shift in the returned signal to measure the velocity of object. Large reflected
signals from for example ground clutter mix with the TX and RX phase noise, which can potentially swamp the
www.ti.com
DAC39RF10-SP, DAC39RF10-SEP
DAC39RFS10-SP, DAC39RFS10-SEP
SBAS932A – MARCH 2024 – REVISED FEBRUARY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
201
Product Folder Links: DAC39RF10-SP DAC39RF10-SEP DAC39RFS10-SP DAC39RFS10-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com