Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC39RF10 Datasheet(PDF) 204 Page - Texas Instruments

Part # DAC39RF10
Description  DAC39RFx10-SP DAC39RFx10-SEP 10.4 or 20.8GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204C Interface
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RF10 Datasheet(HTML) 204 Page - Texas Instruments

Back Button DAC39RF10 Datasheet HTML 200Page - Texas Instruments DAC39RF10 Datasheet HTML 201Page - Texas Instruments DAC39RF10 Datasheet HTML 202Page - Texas Instruments DAC39RF10 Datasheet HTML 203Page - Texas Instruments DAC39RF10 Datasheet HTML 204Page - Texas Instruments DAC39RF10 Datasheet HTML 205Page - Texas Instruments DAC39RF10 Datasheet HTML 206Page - Texas Instruments DAC39RF10 Datasheet HTML 207Page - Texas Instruments DAC39RF10 Datasheet HTML 208Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 232 page
background image
For an 8GHz output, use the maximum phase detector frequency of 400MHz. Set NREF = 1, NDIV = 20, and NOUT
= 1 (divider bypass). For a slight degradation in in-band noise, the input can be set to 200MHz and the reference
doubler is used.
Third, note that any noise on the reference input impacts close in phase noise before the in-band noise begins
to dominate. In-band noise is a combination of PLL noise (phase detector, charge pump and dividers) and
VCO noise, while wideband noise is limited by the noise floor of the output buffers. Close in noise is limited
by the device flicker, which is independent of phase detector frequency and scales 20 x LOGbase10 with output
frequency.
Finally, when operating the LMX2820 above 11GHz, the integrated output doubler must be used and this results
in a sub-harmonic (that is, output frequency divided by 2) that possibly requires external filtering using either a
high-pass or bandpass filter (depending on system requirements). Following the LMX2820 output with a narrow
bandpass filter can also be used to suppress wideband noise.
The PLLatinumSim software is available from TI to design the external loop filter passive values.
9.2.4.2 Example 2: Improved Phase Noise LMX2820 with External VCO
An external VCO can significantly improve in-band and wideband noise, with best phase noise typically achieved
with narrow band VCOs such as Voltage Controlled Crystal Oscillators (VCXO), Voltage Controlled Surface
Acoustic Wave Oscillators (VCSO) and Dielectric Resonance Oscillators (DRO). For this design, a Synergy
Microwave 8GHz DRO (SDRO800-8), is used for the wideband noise (-170dBc/Hz) and low flicker noise corner
(-160dBc/Hz at 1MHz). DROs are typically available from about 5 to over 25GHz.
Figure 9-8 shows a block diagram of the synthesizer. An external active loop filter is used to improve noise
performance and extend the tuning voltage range required for the DRO (0 to 10V). The DROs output is split, with
one output feeding back into the LMX2820 and the other being sent to the DAC clock distribution network.
PFD + CP
/1
/N
x2
/N
LMX2820
400 MHz
Ref In
/20
8V
-2V
THS4031
390
68nF
1.5nF
+1.2V
VCO
DRO
8V
EP2C+
To DAC
Clock
Distribution
Figure 9-8. External LMX2820 with an External VCO
In this implementation, the loop bandwidth was set to around 24kHz, where the flicker noise of the PLL intersects
the open loop noise of the DRO. This offers the best overall integrated phase noise. The noise floor is improved
by about 10dB from the fully integrated example since the output buffers were not used and the DRO has
exceptional broadband noise of around -170dBc/Hz.
As with the integrated VCO, the loop filter components can be designed using PLLatinumSim software.
9.2.4.3 Example 3: Discrete Analog PLL for Best DAC Performance
When phase noise performance is paramount, a discrete analog PLL (APLL) offers substantially lower phase
noise than the integrated examples. The trade off is increased SWAP-C. Figure 9-9 shows the block diagram
of such an implementation that uses the same Synergy Microwave 8GHz DRO as the LMX2820 external VCO
example discussed previously.
DAC39RF10-SP, DAC39RF10-SEP
DAC39RFS10-SP, DAC39RFS10-SEP
SBAS932A – MARCH 2024 – REVISED FEBRUARY 2026
www.ti.com
204
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: DAC39RF10-SP DAC39RF10-SEP DAC39RFS10-SP DAC39RFS10-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com