Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC39RF10 Datasheet(PDF) 207 Page - Texas Instruments

Part # DAC39RF10
Description  DAC39RFx10-SP DAC39RFx10-SEP 10.4 or 20.8GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204C Interface
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RF10 Datasheet(HTML) 207 Page - Texas Instruments

Back Button DAC39RF10 Datasheet HTML 203Page - Texas Instruments DAC39RF10 Datasheet HTML 204Page - Texas Instruments DAC39RF10 Datasheet HTML 205Page - Texas Instruments DAC39RF10 Datasheet HTML 206Page - Texas Instruments DAC39RF10 Datasheet HTML 207Page - Texas Instruments DAC39RF10 Datasheet HTML 208Page - Texas Instruments DAC39RF10 Datasheet HTML 209Page - Texas Instruments DAC39RF10 Datasheet HTML 210Page - Texas Instruments DAC39RF10 Datasheet HTML 211Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 232 page
background image
The NLFM Chirp frequency ramp is shown in Figure 9-13, complex time domain baseband waveform inFigure
9-14, baseband frequency spectrum in Figure 9-15 and auto-correlation in Figure 9-16.
Time (samples)
0
500
1000 1500 2000 2500 3000 3500 4000 4500
3100
3120
3140
3160
3180
3200
3220
3240
3260
3280
3300
Figure 9-13. NLFM Frequency Ramp
Figure 9-14. Complex Time Domain of NLFM Chirp
(Red = real, Black = imag)
Frequency (MHz)
-125 -100 -75
-50
-25
0
25
50
75
100 125
-60
-50
-40
-30
-20
-10
0
Figure 9-15. Digital Spectrum for NLFM Chirp
Time (fraction of pulse time)
-0.05 -0.04 -0.03 -0.02 -0.01
0
0.01 0.02 0.03 0.04 0.05
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
Figure 9-16. Auto-correlation of NLFM Chirp
The output spectra for the NLFM Chirp at 3.2GHz is shown in Figure 9-17. The largest spur is the duty-cycle
image at 4.8GHz, which is suppressed 50dB. Figure 9-18 shows a 1GHz span centered at 3.2GHz. The
interpolation filters confine the output spectrum to a 250MHz wide band at 3.2GHz. The spectra purity of the
200MHz is shown with a full scale tone in Figure 9-19. The largest spurs are
≅ 80dBc at 3.16GHz, which is the
4th harmonic (aliased back into 1st Nyquist zone), and the 6th harmonic at
≅ 86dBc.
www.ti.com
DAC39RF10-SP, DAC39RF10-SEP
DAC39RFS10-SP, DAC39RFS10-SEP
SBAS932A – MARCH 2024 – REVISED FEBRUARY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
207
Product Folder Links: DAC39RF10-SP DAC39RF10-SEP DAC39RFS10-SP DAC39RFS10-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com