Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC39RF10 Datasheet(PDF) 209 Page - Texas Instruments

Part # DAC39RF10
Description  DAC39RFx10-SP DAC39RFx10-SEP 10.4 or 20.8GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204C Interface
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RF10 Datasheet(HTML) 209 Page - Texas Instruments

Back Button DAC39RF10 Datasheet HTML 205Page - Texas Instruments DAC39RF10 Datasheet HTML 206Page - Texas Instruments DAC39RF10 Datasheet HTML 207Page - Texas Instruments DAC39RF10 Datasheet HTML 208Page - Texas Instruments DAC39RF10 Datasheet HTML 209Page - Texas Instruments DAC39RF10 Datasheet HTML 210Page - Texas Instruments DAC39RF10 Datasheet HTML 211Page - Texas Instruments DAC39RF10 Datasheet HTML 212Page - Texas Instruments DAC39RF10 Datasheet HTML 213Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 232 page
background image
9.3 Power Supply Recommendations
The device has three supply voltages and requires seven supply domains to achieve data sheet performance as
shown in Table 9-4.
Table 9-4. Recommended Power Supply Domains
Voltage
Supply Domain
Device Supplies
+1.8V
VDDA
VDDA18A, VDDA18B
VDDIO
VDDIO
VDDCSR
VDDCLK, VDDSYS, VDDR
+1V
VDDL
VDDLA, VDDLB
VDDCLK
VDDCLK10
DVDD
VDDDIG, VDDT, VDDDEA and VDDDEB
-1.8V
VEEx
VEEAM18, VEEBM18
The recommended power supply is shown in Figure 9-20 for -SP grade and Figure 9-21 for -SEP grade.
The power-supply voltages must be low in noise and provide the needed current to achieve rated device
performance. A step down high-efficiency switching converter is used first, followed by a second stage of
regulation using LDOs to provide switching noise reduction and improved voltage accuracy. The user can also
refer to the TI WEBENCH® Power Designer which can be used to select and design the individual power supply
elements as needed. The recommended switching regulators for are:
• -SP Grade:
– TPS50601A-SP = +2.2V for the VDDLA, VDDLB and VDDCCLK10 domains
– TPS50601A-SP = +3V for the VDDA18A, VDDA18B, VDDIO, VDDSYS18, VDDR18 and VDDCLK18
domains
– TPS50601A-SP = +1V for VDDDIG, VDDEA, VDDEB and VDDT
– TPS7H4011-SP = -4.2V for VEEAM18 and VEEBM18 domains
• -SEP Grade:
– TPS7H4010-SEP = +2.2V for the VDDLA, VDDLB and VDDCCLK10 domains
– TPS7H4010-SEP = +3V for the VDDA18A, VDDA18B, VDDIO, VDDSYS18, VDDR18 and VDDCLK18
domains
– TPS7H4010-SEP = +1V for VDDDIG, VDDEA, VDDEB and VDDT
– TPS7H4010-SEP = -3.3V for VEEAM18 and VEEBM18 domains
and recommended LDOs include:
• -SP grade
– TPS7H1111-SP for +1.8V and +1V
– TPS7A4501-SP for -1.8V
• -SEP grade
– TPS7H1111-SEP for +1.8V and +1V
– TPS7H1210-SEP for -1.8V
www.ti.com
DAC39RF10-SP, DAC39RF10-SEP
DAC39RFS10-SP, DAC39RFS10-SEP
SBAS932A – MARCH 2024 – REVISED FEBRUARY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
209
Product Folder Links: DAC39RF10-SP DAC39RF10-SEP DAC39RFS10-SP DAC39RFS10-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com