Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC39RF10 Datasheet(PDF) 210 Page - Texas Instruments

Part # DAC39RF10
Description  DAC39RFx10-SP DAC39RFx10-SEP 10.4 or 20.8GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204C Interface
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RF10 Datasheet(HTML) 210 Page - Texas Instruments

Back Button DAC39RF10 Datasheet HTML 206Page - Texas Instruments DAC39RF10 Datasheet HTML 207Page - Texas Instruments DAC39RF10 Datasheet HTML 208Page - Texas Instruments DAC39RF10 Datasheet HTML 209Page - Texas Instruments DAC39RF10 Datasheet HTML 210Page - Texas Instruments DAC39RF10 Datasheet HTML 211Page - Texas Instruments DAC39RF10 Datasheet HTML 212Page - Texas Instruments DAC39RF10 Datasheet HTML 213Page - Texas Instruments DAC39RF10 Datasheet HTML 214Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 232 page
background image
Ext PWR
SUPPLY
+7 to 3.6V
VDDA
LDO
TPS7H1111-SP
SW SUPPLY
TPS50601A-SP
SW SUPPLY
TPS50601A-SP
TPS7H4011-SP
Inv Buck-boost
-4.2V
+3.0V
FB
10u
0.1u
10u
0.1u
10u
0.1u
10u
0.1u
+1.0V
VDDCSR
VDDA18A, +1.8V
VDDA18B, +1.8V
+1.8V
VDDIO, +1.8V
VDDCLK18, +1.8V
VDDSYS18, +1.8V
VDDR18, +1.8V
VEExA, -1.8V
LDO
TPS7A4501-SP
10u
0.1u
10u
0.1u
VEExB, -1.8V
LDO
TPS7A4501-SP
10u
0.1u
10u
0.1u
VDDL
LDO
TPS7H1111-SP
FB
FB
10u
0.1u
VDDLA, +1.0V
FC
FC
VDDLB, +1.0V
+1.0V
VDDCLK10, +1.0V
0.1u
FC
FB
FC
FC
FC
FC
FC
FC
FC
FC
FC
NOTES:
FB = Ferrite Bead
FC = 3-Terminal
Feedthru Cap
FC
LDO
TPS7H1111-SP
10u
0.1u
0.1u
FB
+1.0V
-1.8V
-1.8V
SW SUPPLY
TPS50601A-SP
FB
+2.2V
NOTE: use separate LDOs if best DAC output isola on is needed
Figure 9-20. Recommended -SP Power Supply Block Diagram
DAC39RF10-SP, DAC39RF10-SEP
DAC39RFS10-SP, DAC39RFS10-SEP
SBAS932A – MARCH 2024 – REVISED FEBRUARY 2026
www.ti.com
210
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: DAC39RF10-SP DAC39RF10-SEP DAC39RFS10-SP DAC39RFS10-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com